Electronic Components Datasheet Search
  English  ▼

X  

TPL0501 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPL0501
Description  TPL0501 256-Taps, Single-Channel, Digital Potentiometer With SPI Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0501 Datasheet(HTML) 2 Page - Texas Instruments

  TPL0501 Datasheet HTML 1Page - Texas Instruments TPL0501 Datasheet HTML 2Page - Texas Instruments TPL0501 Datasheet HTML 3Page - Texas Instruments TPL0501 Datasheet HTML 4Page - Texas Instruments TPL0501 Datasheet HTML 5Page - Texas Instruments TPL0501 Datasheet HTML 6Page - Texas Instruments TPL0501 Datasheet HTML 7Page - Texas Instruments TPL0501 Datasheet HTML 8Page - Texas Instruments TPL0501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
TPL0501-100
SLIS136C – SEPTEMBER 2011 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TPL0501-100
Submit Documentation Feedback
Copyright © 2011–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
ESD Ratings ............................................................ 3
6.3
Thermal Information .................................................. 4
6.4
Electrical Characteristics: Analog Specifications ...... 4
6.5
Electrical Characteristics: Operating Specifications.. 5
6.6
Timing Requirements ................................................ 5
6.7
Typical Characteristics .............................................. 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 8
7.4
Device Functional Modes.......................................... 9
7.5
Programming .......................................................... 11
8
Application and Implementation ........................ 18
8.1
Application Information............................................ 18
8.2
Typical Application .................................................. 18
9
Power Supply Recommendations ...................... 20
9.1
Power Sequence..................................................... 20
9.2
Wiper Position Upon Power Up .............................. 20
10
Layout................................................................... 20
10.1
Layout Guidelines ................................................. 20
10.2
Layout Example .................................................... 20
11
Device and Documentation Support ................. 21
11.1
Receiving Notification of Documentation Updates 21
11.2
Support Resources ............................................... 21
11.3
Trademarks ........................................................... 21
11.4
Electrostatic Discharge Caution ............................ 21
11.5
Glossary ................................................................ 21
12
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (May 2016) to Revision C
Page
•
Changed maximum temp range in last sentence of Description section from 85°C to 125°C (typo) ................................... 1
Changes from Revision A (September 2011) to Revision B
Page
•
Added Device Information table, ESD Ratings table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section....................................... 1
•
Added register map default value in Table 1........................................................................................................................ 11
•
Changed ratio to correct form in Ideal Resistance Values section and in Table 2; registers names for RWL and
RHW were reversed. ............................................................................................................................................................ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com