Electronic Components Datasheet Search
  English  ▼

X  

TPL0501 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPL0501
Description  TPL0501 256-Taps, Single-Channel, Digital Potentiometer With SPI Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0501 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPL0501 Datasheet HTML 9Page - Texas Instruments TPL0501 Datasheet HTML 10Page - Texas Instruments TPL0501 Datasheet HTML 11Page - Texas Instruments TPL0501 Datasheet HTML 12Page - Texas Instruments TPL0501 Datasheet HTML 13Page - Texas Instruments TPL0501 Datasheet HTML 14Page - Texas Instruments TPL0501 Datasheet HTML 15Page - Texas Instruments TPL0501 Datasheet HTML 16Page - Texas Instruments TPL0501 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
TPL0501-100
www.ti.com
SLIS136C – SEPTEMBER 2011 – REVISED SEPTEMBER 2019
Product Folder Links: TPL0501-100
Submit Documentation Feedback
Copyright © 2011–2019, Texas Instruments Incorporated
Table 2. DPOT Ideal Values (continued)
STEP
BINARY
100 kΩ
RWL/RHW
RWL (kΩ)
RHW (kΩ)
31
00011111
12.11
87.89
0.14
32
00100000
12.50
87.50
0.14
33
00100001
12.89
87.11
0.15
34
00100010
13.28
86.72
0.15
35
00100011
13.67
86.33
0.16
36
00100100
14.06
85.94
0.16
37
00100101
14.45
85.55
0.17
38
00100110
14.84
85.16
0.17
39
00100111
15.23
84.77
0.18
40
00101000
15.63
84.38
0.19
41
00101001
16.02
83.98
0.19
42
00101010
16.41
83.59
0.20
43
00101011
16.80
83.20
0.20
44
00101100
17.19
82.81
0.21
45
00101101
17.58
82.42
0.21
46
00101110
17.97
82.03
0.22
47
00101111
18.36
81.64
0.22
48
00110000
18.75
81.25
0.23
49
00110001
19.14
80.86
0.24
50
00110010
19.53
80.47
0.24
51
00110011
19.92
80.08
0.25
52
00110100
20.31
79.69
0.25
53
00110101
20.70
79.30
0.26
54
00110110
21.09
78.91
0.27
55
00110111
21.48
78.52
0.27
56
00111000
21.88
78.13
0.28
57
00111001
22.27
77.73
0.29
58
00111010
22.66
77.34
0.29
59
00111011
23.05
76.95
0.30
60
00111100
23.44
76.56
0.31
61
00111101
23.83
76.17
0.31
62
00111110
24.22
75.78
0.32
63
00111111
24.61
75.39
0.33
64
01000000
25.00
75.00
0.33
65
01000001
25.39
74.61
0.34
66
01000010
25.78
74.22
0.35
67
01000011
26.17
73.83
0.35
68
01000100
26.56
73.44
0.36
69
01000101
26.95
73.05
0.37
70
01000110
27.34
72.66
0.38
71
01000111
27.73
72.27
0.38
72
01001000
28.13
71.88
0.39
73
01001001
28.52
71.48
0.40
74
01001010
28.91
71.09
0.41
75
01001011
29.30
70.70
0.41
76
01001100
29.69
70.31
0.42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com