Electronic Components Datasheet Search
  English  ▼

X  

TPL0501 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPL0501
Description  TPL0501 256-Taps, Single-Channel, Digital Potentiometer With SPI Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0501 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPL0501 Datasheet HTML 4Page - Texas Instruments TPL0501 Datasheet HTML 5Page - Texas Instruments TPL0501 Datasheet HTML 6Page - Texas Instruments TPL0501 Datasheet HTML 7Page - Texas Instruments TPL0501 Datasheet HTML 8Page - Texas Instruments TPL0501 Datasheet HTML 9Page - Texas Instruments TPL0501 Datasheet HTML 10Page - Texas Instruments TPL0501 Datasheet HTML 11Page - Texas Instruments TPL0501 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SPI INTERFACE
WIPER
REGISTER
HA
LA
WA
VDD
GND
SCLK
DIN
CS
Copyright © 2016, Texas Instruments Incorporated
8
TPL0501-100
SLIS136C – SEPTEMBER 2011 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TPL0501-100
Submit Documentation Feedback
Copyright © 2011–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPL0501 has a single linear-taper digital potentiometer with 256 wiper positions and an end-to-end
resistance of 100 kΩ. The potentiometer can be used as a three-terminal potentiometer or as a two-terminal
rheostat. The potentiometer can be used in either voltage divider mode or rheostat mode.
The high (H) and low (L) terminals of the TPL0501 are equivalent to the fixed terminals of a mechanical
potentiometer. The H and L terminals do not have any polarity restrictions (H can be at a higher voltage than L,
or L can be at a higher voltage than H). The position of the wiper (W) terminal is controlled by the value in the
8-bit Wiper Resistance (WR) register. When the WR register contains all zeroes (zero-scale), the wiper terminal
is closest to its L terminal. As the value of the WR register increases from all zeroes to all ones (full-scale), the
wiper moves from the position closest to the L terminal, to the position closest to the H terminal. At the same
time, the resistance between W and L increases, whereas the resistance between W and H decreases.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Single-Channel, 256-Position Resolution
The TPL0501 features a single independent DPOT. The DPOT is capable of being used and controlled
independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com