Electronic Components Datasheet Search
  English  ▼

X  

TPL0501 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPL0501
Description  TPL0501 256-Taps, Single-Channel, Digital Potentiometer With SPI Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0501 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPL0501 Datasheet HTML 8Page - Texas Instruments TPL0501 Datasheet HTML 9Page - Texas Instruments TPL0501 Datasheet HTML 10Page - Texas Instruments TPL0501 Datasheet HTML 11Page - Texas Instruments TPL0501 Datasheet HTML 12Page - Texas Instruments TPL0501 Datasheet HTML 13Page - Texas Instruments TPL0501 Datasheet HTML 14Page - Texas Instruments TPL0501 Datasheet HTML 15Page - Texas Instruments TPL0501 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
H
L
W
RHW
RWL
RTOT
RWL = RTOT x D/256
RHW = RTOT x (1 –(D/256))
Where D = Decimal Value of Wiper Code
12
TPL0501-100
SLIS136C – SEPTEMBER 2011 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TPL0501-100
Submit Documentation Feedback
Copyright © 2011–2019, Texas Instruments Incorporated
7.5.2 Ideal Resistance Values
Figure 17. Digital Potentiometer Measurements
Table 2 shows the ideal values for DPOT with end-to-end resistance of 100 k
Ω. The absolute values of
resistance can vary significantly but the Ratio (RWL/RHW) is extremely accurate.
Table 2. DPOT Ideal Values
STEP
BINARY
100 kΩ
RWL/RHW
RWL (kΩ)
RHW (kΩ)
0
00000000
0.00
100.00
0.00
1
00000001
0.39
99.61
0.00
2
00000010
0.78
99.22
0.01
3
00000011
1.17
98.83
0.01
4
00000100
1.56
98.44
0.02
5
00000101
1.95
98.05
0.02
6
00000110
2.34
97.66
0.02
7
00000111
2.73
97.27
0.03
8
00001000
3.13
96.88
0.03
9
00001001
3.52
96.48
0.04
10
00001010
3.91
96.09
0.04
11
00001011
4.30
95.70
0.04
12
00001100
4.69
95.31
0.05
13
00001101
5.08
94.92
0.05
14
00001110
5.47
94.53
0.06
15
00001111
5.86
94.14
0.06
16
00010000
6.25
93.75
0.07
17
00010001
6.64
93.36
0.07
18
00010010
7.03
92.97
0.08
19
00010011
7.42
92.58
0.08
20
00010100
7.81
92.19
0.08
21
00010101
8.20
91.80
0.09
22
00010110
8.59
91.41
0.09
23
00010111
8.98
91.02
0.10
24
00011000
9.38
90.63
0.10
25
00011001
9.77
90.23
0.11
26
00011010
10.16
89.84
0.11
27
00011011
10.55
89.45
0.12
28
00011100
10.94
89.06
0.12
29
00011101
11.33
88.67
0.13
30
00011110
11.72
88.28
0.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com