Electronic Components Datasheet Search
  English  ▼

X  

ADAR4002 Datasheet(PDF) 4 Page - Analog Devices

Part # ADAR4002
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002 Datasheet(HTML) 4 Page - Analog Devices

  ADAR4002 Datasheet HTML 1Page - Analog Devices ADAR4002 Datasheet HTML 2Page - Analog Devices ADAR4002 Datasheet HTML 3Page - Analog Devices ADAR4002 Datasheet HTML 4Page - Analog Devices ADAR4002 Datasheet HTML 5Page - Analog Devices ADAR4002 Datasheet HTML 6Page - Analog Devices ADAR4002 Datasheet HTML 7Page - Analog Devices ADAR4002 Datasheet HTML 8Page - Analog Devices ADAR4002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
Data Sheet
ADAR4002
SPECIFICATIONS
analog.com
Rev. A | 4 of 66
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RMS Gain Variation
Time Delay Range 0
500 MHz
TDU Sweep 0 to 127
1.45
dB
2 GHz
TDU Sweep 0 to 127
0.72
dB
10 GHz
TDU Sweep 0 to 127
1.43
dB
18 GHz
TDU Sweep 0 to 127
1.52
dB
Time Delay Range 1
500 MHz
TDU Sweep 0 to 127
0.98
dB
2 GHz
TDU Sweep 0 to 127
0.53
dB
10 GHz
TDU Sweep 0 to 127
0.46
dB
18 GHz
TDU Sweep 0 to 127
1.12
dB
Time Delay Adjustment Range
Time Delay Range 0
Time Delay
500 MHz
543.5
ps
2 GHz
512.5
ps
10 GHz
531.2
ps
18 GHz
516.3
ps
Phase3
500 MHz
97.83
Degrees
2 GHz
369
Degrees
10 GHz
1921.32
Degrees
18 GHz
3345.6
Degrees
Time Delay Range 1
Time Delay
500 MHz
276.2
ps
2 GHz
254.7
ps
10 GHz
264.8
ps
18 GHz
260.9
ps
Phase
500 MHz
49.7
Degrees
2 GHz
183.4
Degrees
10 GHz
953.3
Degrees
18 GHz
1690.6
Degrees
Time Delay Resolution
Time Delay Range 0
Time Delay
500 MHz
4
ps
2 GHz
4
ps
10 GHz
4.15
ps
18 GHz
4.06
ps
Phase
500 MHz
0.72
Degrees
2 GHz
2.88
Degrees
10 GHz
14.4
Degrees
18 GHz
25.92
Degrees
Time Delay Range 1
Time Delay
500 MHz
2
ps
2 GHz
2
ps
10 GHz
2.1
ps
18 GHz
2.1
ps
Phase
500 MHz
0.36
Degrees
2 GHz
1.44
Degrees
10 GHz
7.2
Degrees
18 GHz
12.96
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com