Electronic Components Datasheet Search
  English  ▼

X  

ADAR4002 Datasheet(PDF) 18 Page - Analog Devices

Part # ADAR4002
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADAR4002 Datasheet HTML 14Page - Analog Devices ADAR4002 Datasheet HTML 15Page - Analog Devices ADAR4002 Datasheet HTML 16Page - Analog Devices ADAR4002 Datasheet HTML 17Page - Analog Devices ADAR4002 Datasheet HTML 18Page - Analog Devices ADAR4002 Datasheet HTML 19Page - Analog Devices ADAR4002 Datasheet HTML 20Page - Analog Devices ADAR4002 Datasheet HTML 21Page - Analog Devices ADAR4002 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
Data Sheet
ADAR4002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 18 of 66
DSA ATTENUATION SWEEP, TIME DELAY RANGE 1
Figure 25. Gain vs. Frequency over DSA Code 0 to DSA Code 31, Darkest
Blue Is DSA = 0 and Lightest Blue is DSA = 31
Figure 26. RMS Gain Error vs. Frequency, Computed over DSA Code 0 to
DSA Code 31 and DSA Code 0 to DSA Code 63
Figure 27. RMS Time Delay Variation vs. Frequency, Computed over DSA
Code 0 to DSA Code 31 and DSA Code 0 to DSA Code 63
Figure 28. Gain vs. Frequency over DSA Code 0 to DSA Code 63, Darkest
Blue Is DSA = 0 and Lightest Blue is DSA = 63
Figure 29. RMS Gain Error vs. Frequency, Computed over DSA Code 0 to
DSA Code 31 at TDU Code 0, TDU Code 16, TDU Code 32, TDU Code 64, TDU
Code 96, and TDU Code 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com