Electronic Components Datasheet Search
  English  ▼

X  

ADAR4002 Datasheet(PDF) 12 Page - Analog Devices

Part # ADAR4002
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAR4002 Datasheet HTML 8Page - Analog Devices ADAR4002 Datasheet HTML 9Page - Analog Devices ADAR4002 Datasheet HTML 10Page - Analog Devices ADAR4002 Datasheet HTML 11Page - Analog Devices ADAR4002 Datasheet HTML 12Page - Analog Devices ADAR4002 Datasheet HTML 13Page - Analog Devices ADAR4002 Datasheet HTML 14Page - Analog Devices ADAR4002 Datasheet HTML 15Page - Analog Devices ADAR4002 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
Data Sheet
ADAR4002
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 12 of 66
Table 5. Absolute Maximum Ratings
Parameter
Rating
V1P2 to GND
1.35 V
V1P0 to GND
1.15 V
CSB/CLKO, CLK_IN, DATA_IO, DATA_O, UPDATE,
and MODE
−0.5 V to +1.8 V
Maximum RF Input Power (RF1 or RF2)
18 dBm
Temperature
Operating Range
−40°C to +85°C
Storage Range
−65°C to +150°C
Reflow Soldering, Peak
260°C
Maximum Junction (TJ)
125°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. The PCB thermal design
requires careful attention.
θJA is the junction to the ambient with the exposed pad soldered
down, θJB is junction to board, θJC_TOP is the junction to the top of
the package, and θJC_BOTTOM is the junction to the exposed pad.
Table 6. Thermal Resistance
Package Type1
θJA
θJB
θJC_TOP
θJC_BOTTOM Unit
CP-14-6
63.9
24.9
68.5
15.4
°C/W
1 Simulated based on PCB specified in JESD-51.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001-2014
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for the ADAR4002
Table 7. ADAR4002, 14-Lead LFCSP
ESD Model
Withstand Threshold (kV)
Class
HBM
±2
2
CDM
±1.25
C5
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com