Electronic Components Datasheet Search
  English  ▼

X  

ADAR4002 Datasheet(PDF) 3 Page - Analog Devices

Part # ADAR4002
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002 Datasheet(HTML) 3 Page - Analog Devices

  ADAR4002 Datasheet HTML 1Page - Analog Devices ADAR4002 Datasheet HTML 2Page - Analog Devices ADAR4002 Datasheet HTML 3Page - Analog Devices ADAR4002 Datasheet HTML 4Page - Analog Devices ADAR4002 Datasheet HTML 5Page - Analog Devices ADAR4002 Datasheet HTML 6Page - Analog Devices ADAR4002 Datasheet HTML 7Page - Analog Devices ADAR4002 Datasheet HTML 8Page - Analog Devices ADAR4002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
Data Sheet
ADAR4002
SPECIFICATIONS
analog.com
Rev. A | 3 of 66
V1P2 = 1.2 V, V1P0 = 1.0 V, TA = 25°C, frequency = 10 GHz, TDU code = 0, and DSA code = 0, unless otherwise specified. Input second-order
intercept (IP2) has 1 GHz tone spacing. Input third-order intercept (IP3) has 10 MHz tone spacing. Low-side tone reported for IP2. Port 1 = RF1
and Port 2 = RF2. Gain is S21, and reverse gain is S12.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OPERATING CONDITIONS
Minimum Frequency
500
MHz
Maximum Frequency
19
GHz
Operating Temperature
−40
+85
°C
RF SECTION
RF1 and RF2
DC Bias Voltage
01
V
Insertion Loss
Time Delay Range 0
500 MHz
−11.5
dB
2 GHz
−12.6
dB
10 GHz
−20.5
dB
18 GHz
−30.8
dB
Time Delay Range 1
500 MHz
−9.3
dB
2 GHz
−10.1
dB
10 GHz
−16.2
dB
18 GHz
−22.9
dB
Attenuation Range
2 GHz, either time delay range
31.5
dB
Attenuation Resolution
0.5
dB
Gain Flatness vs. Frequency
From 2 GHz to 18 GHz, across any 500 MHz
bandwidth
Time Delay Range 0
≤1.2
dB
Time Delay Range 1
≤0.8
dB
Gain Variation vs. Temperature
10 GHz
dB
Time Delay Range 0
+1.6/−2
dB
Time Delay Range 1
+1.6/−1.8
dB
RMS Gain Error2
Time Delay Range 0
500 MHz
DSA Sweep 0 to 15.5 dB
0.25
dB
DSA Sweep 0 to 31.5 dB
0.2
dB
2 GHz
DSA Sweep 0 to 15.5 dB
0.11
dB
DSA Sweep 0 to 31.5 dB
0.28
dB
10 GHz
DSA Sweep 0 to 15.5 dB
0.11
dB
DSA Sweep 0 to 31.5 dB
1.45
dB
18 GHz
DSA Sweep 0 to 15.5 dB
0.77
dB
DSA Sweep 0 to 31.5 dB
3.16
dB
Time Delay Range 1
500 MHz
DSA Sweep 0 to 15.5 dB
0.3
dB
DSA Sweep 0 to 31.5 dB
0.23
dB
2 GHz
DSA Sweep 0 to 15.5 dB
0.16
dB
DSA Sweep 0 to 31.5 dB
0.24
dB
10 GHz
DSA Sweep 0 to 15.5 dB
0.08
dB
DSA Sweep 0 to 31.5 dB
1.3
dB
18 GHz
DSA Sweep 0 to 15.5 dB
0.32
dB
DSA Sweep 0 to 31.5 dB
3.4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com