Electronic Components Datasheet Search
  English  ▼

X  

ADF5611 Datasheet(PDF) 34 Page - Analog Devices

Part # ADF5611
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADF5611 Datasheet HTML 30Page - Analog Devices ADF5611 Datasheet HTML 31Page - Analog Devices ADF5611 Datasheet HTML 32Page - Analog Devices ADF5611 Datasheet HTML 33Page - Analog Devices ADF5611 Datasheet HTML 34Page - Analog Devices ADF5611 Datasheet HTML 35Page - Analog Devices ADF5611 Datasheet HTML 36Page - Analog Devices ADF5611 Datasheet HTML 37Page - Analog Devices ADF5611 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Data Sheet
ADF5611
REGISTER MAP
analog.com
Rev. 0 | 34 of 48
Address: 0x015, Reset: 0x00, Name: REG0015
Table 38. Bit Descriptions for REG0015
Bits
Bit Name
Description
Reset
Access
[7:5]
M_VCO_BIAS
Selects the Bias Value Used When O_VCO_BIAS = 1. Used in manual VCO calibration together with
the M_VCO_BAND and M_VCO_CORE.
0x0
R/W
[4:0]
FRAC1WORD[24:20]
25-Bit FRAC1 Word. Sets the FRAC1 value.
0x0
R/W
Address: 0x016, Reset: 0x00, Name: REG0016
Table 39. Bit Descriptions for REG0016
Bits
Bit Name
Description
Reset
Access
[7:1]
M_VCO_BAND
Selects band within core when O_VCO_BAND = 1. Used in manual VCO calibration together with
M_VCO_BIAS and M_VCO_CORE. 127 = lowest frequency, and 0 = highest frequency.
0x0
R/W
0
M_VCO_CORE
Selects VCO core when O_VCO_CORE = 1. Used in manual VCO calibration together with M_VCO_BAND
and M_VCO_BIAS.
0x0
R/W
0: VCO 0 highest frequency.
1: VCO 1 lowest frequency.
Address: 0x017, Reset: 0x00, Name: REG0017
Table 40. Bit Descriptions for REG0017
Bits
Bit Name
Description
Reset
Access
[7:0]
FRAC2WORD[7:0]
24-Bit FRAC2 Word. Sets the FRAC2 value.
0x0
R/W
Address: 0x018, Reset: 0x00, Name: REG0018
Table 41. Bit Descriptions for REG0018
Bits
Bit Name
Description
Reset
Access
[7:0]
FRAC2WORD[15:8]
24-Bit FRAC2 Word. Sets the FRAC2 value.
0x0
R/W
Address: 0x019, Reset: 0x00, Name: REG0019
Table 42. Bit Descriptions for REG0019
Bits
Bit Name
Description
Reset
Access
[7:0]
FRAC2WORD[23:16]
24-Bit FRAC2 Word. Sets the FRAC2 value.
0x0
R/W
Address: 0x01A, Reset: 0x01, Name: REG001A
Table 43. Bit Descriptions for REG001A
Bits
Bit Name
Description
Reset
Access
[7:0]
MOD2WORD[7:0]
24-Bit MOD2 Word. Sets the MDO2 value.
0x1
R/W
Address: 0x01B, Reset: 0x00, Name: REG001B
Table 44. Bit Descriptions for REG001B
Bits
Bit Name
Description
Reset
Access
[7:0]
MOD2WORD[15:8]
24-Bit MOD2 Word. Sets the MDO2 value.
0x0
R/W
Address: 0x01C, Reset: 0x00, Name: REG001C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com