Electronic Components Datasheet Search
  English  ▼

X  

ADF5611 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF5611
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF5611 Datasheet HTML 20Page - Analog Devices ADF5611 Datasheet HTML 21Page - Analog Devices ADF5611 Datasheet HTML 22Page - Analog Devices ADF5611 Datasheet HTML 23Page - Analog Devices ADF5611 Datasheet HTML 24Page - Analog Devices ADF5611 Datasheet HTML 25Page - Analog Devices ADF5611 Datasheet HTML 26Page - Analog Devices ADF5611 Datasheet HTML 27Page - Analog Devices ADF5611 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Data Sheet
ADF5611
THEORY OF OPERATION
analog.com
Rev. 0 | 24 of 48
Serial Port
The SPI-compatible serial port provides control and monitoring
functionality. The CMOS_OV bit (Register 0x035, Bit 5) determines
if the logic high level for the SDO and SDIO SPI output pins is
3.3V or 1.8V. The SPI can be programmed to support several
different configurations in Register 0x000 and Register 0x001.
The SDO_ACTIVE bit (Register 0x000, Bit 3) determines if the
serial port is configured as a 3-wire or 4-wire SPI (see the timing
diagrams in Figure 2, Figure 3 and Figure 4.
The SPI register map can be programmed with single instructions,
as shown in Figure 54 and Figure 55, or in streaming mode, as
shown in Figure 56. Streaming mode allows for efficient data trans-
fer read or write cycles to multiple registers. Streaming mode allows
the user to program a bit stream composed of one register address
in the instruction header and data for that register address, which
is then followed by data in subsequent register addresses. The
ADDRESS_ASCENSION bit (Register 0x000, Bit 2) determines if
the subsequent register addresses are incremented or decrement-
ed. It is recommended to decrement the register addresses in
streaming mode (ADDRESS_ASCENSION = 0). The reason for this
recommendation is because REG0010 triggers the VCO calibration
and loading of all double buffers and, therefore, must be the last
SPI register written to. The SINGLE_INSTRUCTION bit (Register
0x001, Bit 7) disables streaming mode when it is set to 1. When
SINGLE_INSTRUCTION is set to 0, streaming mode is enabled.
Figure 54. Serial Interface, MSB First (LSB_FIRST = 0)
Figure 55. Serial Interface, LSB First (LSB_FIRST = 1)
Figure 56. Serial Interface, Recommended Streaming Mode (SINGLE_INSTRUCTION = 0) with Decrementing Registers (ADDRESS_ASCENCION = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com