Electronic Components Datasheet Search
  English  ▼

X  

ADF5611 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF5611
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF5611 Datasheet HTML 9Page - Analog Devices ADF5611 Datasheet HTML 10Page - Analog Devices ADF5611 Datasheet HTML 11Page - Analog Devices ADF5611 Datasheet HTML 12Page - Analog Devices ADF5611 Datasheet HTML 13Page - Analog Devices ADF5611 Datasheet HTML 14Page - Analog Devices ADF5611 Datasheet HTML 15Page - Analog Devices ADF5611 Datasheet HTML 16Page - Analog Devices ADF5611 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Data Sheet
ADF5611
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 48
Figure 18. Tuning Voltage vs. Output Frequency after Calibration Across
Various Temperatures
Figure 19. RFOUT Power vs. Output Frequency Across Various Temperatures
and Supplies
Figure 20. RFOUT Power vs. Output Frequency Across Various Power
Settings, 25°C
Figure 21. RFOUT Power vs. Output Frequency Across Various Temperatures
Figure 22. Closed Loop Phase Noise vs. Offset Frequency Across Various
Output Divider Settings at 7.3GHz Fundamental Frequency
Figure 23. Closed Loop Phase Noise vs. Offset Frequency Across Various
Output Divider Settings at 12GHz Fundamental Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com