Electronic Components Datasheet Search
  English  ▼

X  

ADF5611 Datasheet(PDF) 42 Page - Analog Devices

Part # ADF5611
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADF5611 Datasheet HTML 38Page - Analog Devices ADF5611 Datasheet HTML 39Page - Analog Devices ADF5611 Datasheet HTML 40Page - Analog Devices ADF5611 Datasheet HTML 41Page - Analog Devices ADF5611 Datasheet HTML 42Page - Analog Devices ADF5611 Datasheet HTML 43Page - Analog Devices ADF5611 Datasheet HTML 44Page - Analog Devices ADF5611 Datasheet HTML 45Page - Analog Devices ADF5611 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Data Sheet
ADF5611
REGISTER MAP
analog.com
Rev. 0 | 42 of 48
Table 72. Bit Descriptions for REG0037
Bits
Bit Name
Description
Reset
Access
7
EN_ADC_CNV
Enables ADC conversion.
0x0
R/W
0: no ADC conversion.
1: performs the ADC conversion on R0x10 write if ADC is enabled.
[6:2]
RESERVED
Reserved.
0x0
R/W
1
EN_ADC
Enables ADC.
0x0
R/W
0: ADC disabled.
1: ADC enabled.
0
ADC_CLK_TEST_SEL
Selects ADC clock source.
0x0
R/W
0: uses RCLK as ADC clock source.
1: uses SPI SCK as ADC clock source.
Address: 0x038, Reset: 0x00, Name: REG0038
Table 73. Bit Descriptions for REG0038
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R/W
6
REG38_RSV6
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
5
REG38_RSV5
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
4
REG38_RSV4
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
3
REG38_RSV3
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
2
REG38_RSV2
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
1
REG38_RSV1
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
0
REG38_RSV0
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
Address: 0x039, Reset: 0x00, Name: REG0039
Table 74. Bit Descriptions for REG0039
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R/W
6
REG39_RSV6
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
5
REG39_RSV5
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
4
REG39_RSV4
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
3
REG39_RSV3
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
2
REG39_RSV2
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
1
REG39_RSV1
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
0
REG39_RSV0
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
Address: 0x03A, Reset: 0x00, Name: REG003A
Table 75. Bit Descriptions for REG003A
Bits
Bit Name
Description
Reset
Access
[7:0]
RESERVED
Reserved.
0x0
R/W
Address: 0x03B, Reset: 0x00, Name: REG003B
Table 76. Bit Descriptions for REG003B
Bits
Bit Name
Description
Reset
Access
[7:0]
RESERVED
Reserved.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com