Electronic Components Datasheet Search
  English  ▼

X  

ADG6404 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG6404
Description  0.62Ω RON, ±20V, 36V, 4:1 Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG6404 Datasheet(HTML) 4 Page - Analog Devices

  ADG6404 Datasheet HTML 1Page - Analog Devices ADG6404 Datasheet HTML 2Page - Analog Devices ADG6404 Datasheet HTML 3Page - Analog Devices ADG6404 Datasheet HTML 4Page - Analog Devices ADG6404 Datasheet HTML 5Page - Analog Devices ADG6404 Datasheet HTML 6Page - Analog Devices ADG6404 Datasheet HTML 7Page - Analog Devices ADG6404 Datasheet HTML 8Page - Analog Devices ADG6404 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Data Sheet
ADG6404
SPECIFICATIONS
analog.com
Rev. A | 4 of 19
Table 2. ±20 V Dual-Supply Specifications (Continued)
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Break-Before-Make Time Delay, tD
247
ns typ
Load resistance (RL) = 300Ω, load
capacitance (CL) = 35pF
198
234
270
ns min
VS = 10V, see Figure 35
Charge Injection, QINJ
−2.15
nC typ
VS = 0V, RS = 0Ω, CL = 1nF, see Figure
38
Off Isolation
−78
dB typ
RL = 50Ω, CL = 5pF, frequency =
100kHz, see Figure 30
Channel-to-Channel Crosstalk
−84
dB typ
RL = 50Ω, CL = 5pF, frequency =
100kHz, see Figure 29
Total Harmonic Distortion + Noise, THD + N
0.02
% typ
RL = 1kΩ, 20V p-p, frequency = 20Hz to
20kHz, see Figure 33
Total Harmonic Distortion, THD
−100
dB typ
RL = 1kΩ, 20V p-p, frequency = 1kHz
−74
dB typ
RL = 1kΩ, 20V p-p, frequency = 20kHz
−60
dB typ
RL = 1kΩ, 20V p-p, frequency = 100kHz
−3dB Bandwidth
38
MHz typ
RL = 50Ω, CL = 5pF, signal = 0dBm, see
Figure 34
Insertion Loss
−0.11
dB typ
RL = 50Ω, CL = 5pF, frequency = 1MHz
see Figure 34
Source Off Capacitance, CS (Off)
69
pF typ
VS = 0V, frequency = 1MHz
Drain Off Capacitance, CD (Off)
278
pF typ
VS = 0V, frequency = 1MHz
Drain On Capacitance, CD (On), Source On
Capacitance, CS (On)
235
pF typ
VS = 0V, frequency = 1MHz
Match On Capacitance, CMATCH(On)
0.62
pF typ
VS = 0V, frequency = 1MHz
POWER REQUIREMENTS
VDD = +22V, VSS = −22V
Power Supply Current, IDD
170
µA typ
Digital inputs = 0V or 5V
260
260
µA max
225
µA typ
Digital inputs = 1.3V
330
330
µA max
Negative Supply Current, ISS
85
µA typ
Digital inputs = 0V or 5V
140
140
µA max
36V SINGLE SUPPLY
VDD = 36V ± 10%, VSS = 0V, GND = 0V, unless otherwise noted.
Table 3. 36V Single-Supply Specifications
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
VDD = 32.4V, VSS = 0V
Analog Signal Range
0 V to VDD – 2 V
V
On Resistance, RON
0.62
Ω typ
Source voltage (VS) = 0V to 28.9V,
source current (IS) = −100mA, see
Figure 28
0.7
0.87
1.02
Ω max
0.65
Ω typ
VS = 0V to 29.9V, IS = −100mA
0.75
0.92
1.07
Ω max
On-Resistance Match Between Channels, ∆RON
0.12
Ω typ
VS = 0V to 29.9V, IS = −100mA
0.26
0.29
0.31
Ω max
On-Resistance Flatness, RFLAT(ON)
0.003
Ω typ
VS = 0V to 28.9V, IS = −100mA
0.035
0.035
0.035
Ω max
0.04
Ω typ
VS = 0V to 29.9V, IS = −100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com