Electronic Components Datasheet Search
  English  ▼

X  

ADG6404 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG6404
Description  0.62Ω RON, ±20V, 36V, 4:1 Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG6404 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG6404 Datasheet HTML 7Page - Analog Devices ADG6404 Datasheet HTML 8Page - Analog Devices ADG6404 Datasheet HTML 9Page - Analog Devices ADG6404 Datasheet HTML 10Page - Analog Devices ADG6404 Datasheet HTML 11Page - Analog Devices ADG6404 Datasheet HTML 12Page - Analog Devices ADG6404 Datasheet HTML 13Page - Analog Devices ADG6404 Datasheet HTML 14Page - Analog Devices ADG6404 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
ADG6404
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 11 of 19
Figure 9. Off Leakage Currents vs. Temperature, ±20V Dual Supply
Figure 10. Off Leakage Currents vs. Temperature, +36V Single Supply
Figure 11. Leakage Currents as a Function of VS (VD), 25 °C, 20V Dual Supply
Figure 12. Leakage Currents as a Function of VS (VD), 85 °C, 20V Dual Supply
Figure 13. Leakage Currents as a Function of VS (VD), 125 °C, 20V Dual
Supply
Figure 14. Leakage Currents as a Function of VS (VD), 25 °C, 36V Single
Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com