Electronic Components Datasheet Search
  English  ▼

X  

ADG6404 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG6404
Description  0.62Ω RON, ±20V, 36V, 4:1 Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG6404 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG6404 Datasheet HTML 3Page - Analog Devices ADG6404 Datasheet HTML 4Page - Analog Devices ADG6404 Datasheet HTML 5Page - Analog Devices ADG6404 Datasheet HTML 6Page - Analog Devices ADG6404 Datasheet HTML 7Page - Analog Devices ADG6404 Datasheet HTML 8Page - Analog Devices ADG6404 Datasheet HTML 9Page - Analog Devices ADG6404 Datasheet HTML 10Page - Analog Devices ADG6404 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
ADG6404
SPECIFICATIONS
analog.com
Rev. A | 7 of 19
CONTINUOUS CURRENT PER CHANNEL, SX OR DX
Table 4. One Channel On, Per Channel Specifications
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
CONTINUOUS CURRENT, Sx OR Dx
VDD = +20V, VSS = −20V
LFCSP (θJA = 44°C/W)
847
325
123
mA maximum
VS = VSS to VDD − 3.5V
VDD = 36 V, VSS = 0 V
LFCSP (θJA = 44°C/W)
847
325
123
mA maximum
VS = VSS to VDD − 3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com