Electronic Components Datasheet Search
  English  ▼

X  

ADG6404 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG6404
Description  0.62Ω RON, ±20V, 36V, 4:1 Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG6404 Datasheet(HTML) 3 Page - Analog Devices

  ADG6404 Datasheet HTML 1Page - Analog Devices ADG6404 Datasheet HTML 2Page - Analog Devices ADG6404 Datasheet HTML 3Page - Analog Devices ADG6404 Datasheet HTML 4Page - Analog Devices ADG6404 Datasheet HTML 5Page - Analog Devices ADG6404 Datasheet HTML 6Page - Analog Devices ADG6404 Datasheet HTML 7Page - Analog Devices ADG6404 Datasheet HTML 8Page - Analog Devices ADG6404 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
ADG6404
SPECIFICATIONS
analog.com
Rev. A | 3 of 19
OPERATING SUPPLY VOLTAGES
Table 1. Operating Supply Voltages
Supply Voltage
Min
Max
Unit
Dual Supply
±4.5
±22
V
Single Supply
+5
+40
V
±20V DUAL SUPPLY
VDD = +20V ± 10%, VSS = −20V ± 10%, GND = 0V, unless otherwise noted.
Table 2. ±20 V Dual-Supply Specifications
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
VDD = +18V, VSS = −18V
Analog Signal Range
VDD – 2 V to VSS
V
On Resistance, RON
0.62
Ω typ
Source voltage (VS) = −18V to +14.5V,
source current (IS) = −100mA, see
Figure 28
0.7
0.87
1.02
Ω max
0.65
Ω typ
VS = −18V to +15.5V, IS = −100mA
0.75
0.92
1.07
Ω max
On-Resistance Match Between Channels, ∆RON 0.12
Ω typ
VS = −18V to +15.5V, IS = −100mA
0.26
0.29
0.31
Ω max
On-Resistance Flatness, RFLAT (ON)
0.003
Ω typ
VS = −18V to +14.5V, IS = −100mA
0.035
0.035
0.035
Ω max
0.04
Ω typ
VS = −18V to +15.5V, IS = −100mA
0.08
0.1
0.1
Ω max
LEAKAGE CURRENTS
VDD = +22V, VSS = −22V
Source Off Leakage, IS (Off)
±5
nA typ
VS = +15V/−15V, drain current (VD) =
−15V/+15V, see Figure 31
±12.5
+90/−14
+430/−14
nA max
Drain Off Leakage, ID (Off)
±20
nA typ
VS = +15V/−15V, VD = −15V/+15V, see
Figure 31
±50
+360/−28
+1720/−28
nA max
Channel On Leakage, ID (On), IS (On)
±15
nA typ
VS = VD = ±15V, see Figure 27
±38.8
+275/−17
+1340/−17
nA max
DIGITAL INPUTS
Input High Voltage, VINH
1.3
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.01
µA typ
Input voltage (VIN) = GND voltage
(VGND) or 5V
±0.15
µA max
Digital Input Capacitance, CIN
4.6
pF typ
DYNAMIC CHARACTERISTICS
Transition Time, tTRANSITION
349
ns typ
Load resistance (RL) = 300Ω, load
capacitance (CL) = 35pF
413
455
498
ns max
VS = 10V, see Figure 37
On Time, tON
340
ns typ
Load resistance (RL) = 300Ω, load
capacitance (CL) = 35pF
398
440
484
ns max
VS = 10V, see Figure 36
Off Time, tOFF
220
ns typ
RL = 300Ω, CL = 35pF
260
262
262
ns max
VS = 10V, see Figure 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com