Electronic Components Datasheet Search
  English  ▼

X  

LD7523GS Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7523GS
Description  Smart Green-Mode PWM Controller with Multiple Protections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7523GS Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7523GS Datasheet HTML 6Page - Leadtrend Technology LD7523GS Datasheet HTML 7Page - Leadtrend Technology LD7523GS Datasheet HTML 8Page - Leadtrend Technology LD7523GS Datasheet HTML 9Page - Leadtrend Technology LD7523GS Datasheet HTML 10Page - Leadtrend Technology LD7523GS Datasheet HTML 11Page - Leadtrend Technology LD7523GS Datasheet HTML 12Page - Leadtrend Technology LD7523GS Datasheet HTML 13Page - Leadtrend Technology LD7523GS Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LD7523
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7523-DS-00
June 2009
Application Information
Operation Overview
As long as the green power requirement becomes a trend
and the power saving is getting more and more important
for the switching power supplies and switching adapters,
traditional PWM controllers are not able to support such
new requirements. Furthermore, the cost and size
limitation forces the PWM controllers to powerfully
integrate more functions for reducing the external part
counts.
The LD7523 is targeted on such applications
and provides an easy and cost effective solution; its
detailed features are described as below.
Under Voltage Lockout (UVLO)
An UVLO comparator is implemented in it to detect the
voltage on the VCC pin, for assuring the supply voltage
high enough to turn on the LD7523 PWM controller and to
drive the power MOSFET.
As shown in Fig. 19, a
hysteresis is built in to prevent the shutdown due to the
voltage dip during startup.
The turn-on and turn-off
threshold
levels
are
set
at
12.75V
and
9.75V,
respectively.
Vcc
UVLO(on)
UVLO(off)
t
t
I(Vcc)
startup current
(~uA)
operating current
(~ mA)
Fig. 19
Startup Current and Startup Circuit
The typical startup circuit for the LD7523 is shown in Fig.
20.
During the startup transient, the Vcc is lower than
UVLO threshold and thus there is no gate pulse produced
from the LD7523 to drive power MOSFET. Therefore, the
current through R1 will provide the startup current and to
charge the capacitor C1.
Once upon the Vcc voltage is
high enough to turn on the LD7523 and further to deliver
the gate drive signal, the supply current is provided from
the auxiliary winding of the transformer. Lower startup
current requirement for the PWM controller will help to
increase the maximum value on R1 and then reduce the
power consumption on R1. By using CMOS process and
the special circuit design, the maximum startup current of
LD7523 is only 35
μA.
If a higher resistance value of the R1 is chosen, it usually
takes more time to start up. To carefully select the value of
R1 and C1 will optimize the power consumption and
startup time.
EMI
Filter
R1
OUT
CS
VCC
GND
LD7523
AC
input
C1
Cbulk
D1
Fig. 20
Output Stage and Maximum Duty-Cycle
An output stage of a CMOS buffer, with typical 500mA
driving capability, is incorporated to drive a power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com