Electronic Components Datasheet Search
  English  ▼

X  

LD7523GS Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD7523GS
Description  Smart Green-Mode PWM Controller with Multiple Protections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7523GS Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD7523GS Datasheet HTML 7Page - Leadtrend Technology LD7523GS Datasheet HTML 8Page - Leadtrend Technology LD7523GS Datasheet HTML 9Page - Leadtrend Technology LD7523GS Datasheet HTML 10Page - Leadtrend Technology LD7523GS Datasheet HTML 11Page - Leadtrend Technology LD7523GS Datasheet HTML 12Page - Leadtrend Technology LD7523GS Datasheet HTML 13Page - Leadtrend Technology LD7523GS Datasheet HTML 14Page - Leadtrend Technology LD7523GS Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LD7523
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7523-DS-00
June 2009
MOSFET directly.
And the maximum duty-cycle of
LD7523 is limited to 75% to avoid the transformer
saturation.
Oscillator and Switching Frequency
The switching frequency of LD7523 is fixed as 65KHz
internally
to
provide
the
optimized
operations
by
considering the EMI performance, thermal treatment,
component sizes and transformer design.
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431 in
the secondary side through the photo-coupler to the
COMP pin of LD7523.
The input stage of LD7523, like
the UC384X, has 2 diodes voltage offset before feeding
into the voltage divider with 1/3 ratio, that is,
)
V
2
V
(
3
1
)
V
F
COMP
PWM
(
COMPARATOR
−
×
=
+
A pulling-high resistor is embedded internally to eliminate
the requirement of another resistor in the external circuit.
Dual-Oscillator Green-Mode Operation
There are many different topologies implemented in
different chips for the green-mode or power saving
requirements,
such
as
“burst-mode
control”,
“skipping-cycle mode”, “variable off-time control “…etc.
The basic operation theory of all these approaches
intends to reduce the switching cycles under light-load or
no-load condition either by skipping some switching
pulses or reduce the switching frequency.
By using this dual-oscillator control, the green-mode
frequency can be well controlled and further to avoid the
generation of audible noise.
Internal Slope Compensation
A fundamental issue of current mode control is the
stability problem when its duty-cycle is over 50%. To
stabilize the control loop, slope compensation is required
in the traditional UC384X design by injecting the ramp
signal from the RT/CT pin through a coupling capacitor. In
the LD7523, the internal slope compensation circuit has
been internally implemented to simplify the external circuit
design.
Current Sensing, Leading-Edge Blanking
The typical current mode PWM controller feedbacks both
current signal and voltage signal to close the control loop
and achieve regulation. The LD7523 detects the primary
MOSFET current from the CS pin, which is not only for the
peak current mode control but also for the pulse-by-pulse
current limit. The maximum voltage threshold of the
current sensing pin is set as 0.85V. Thus the MOSFET
peak current can be calculated as:
S
ON
COMPENSATI
_
LINE
)
MAX
(
PEAK
R
)
V
85
.
0
(
I
−
=
A 350nS leading-edge blanking (LEB) time is included in
the input of CS pin to prevent the false-trigger from the
current spike. However, the total pulse width of the
turn-on spike is decided by the output power, circuit
design and PCB layout.
It is strongly recommended to
adopt a smaller R-C filter (as shown in figure 21) to avoid
the CS pin being damaged by the negative turn-on spike.
Fig. 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com