Electronic Components Datasheet Search
  English  ▼

X  

LD7523GS Datasheet(PDF) 14 Page - Leadtrend Technology

Part # LD7523GS
Description  Smart Green-Mode PWM Controller with Multiple Protections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7523GS Datasheet(HTML) 14 Page - Leadtrend Technology

Back Button LD7523GS Datasheet HTML 10Page - Leadtrend Technology LD7523GS Datasheet HTML 11Page - Leadtrend Technology LD7523GS Datasheet HTML 12Page - Leadtrend Technology LD7523GS Datasheet HTML 13Page - Leadtrend Technology LD7523GS Datasheet HTML 14Page - Leadtrend Technology LD7523GS Datasheet HTML 15Page - Leadtrend Technology LD7523GS Datasheet HTML 16Page - Leadtrend Technology LD7523GS Datasheet HTML 17Page - Leadtrend Technology LD7523GS Datasheet HTML 18Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LD7523
14
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7523-DS-00
June 2009
VCC
UVLO(on)
UVLO(off)
T
T
COMP
Over Load
5V
T
OUT
OLP Delay Time
Switching
Switching
Non-Switching
OLP skip duration
OLP Delay Time
OLP skip duration
Over Load
Switching
OLP Delatch by
Internal Counter
Fig. 26
Over Voltage Protection (OVP)
To prevent the component from damage due to fault
condition, LD7523 is implemented with protection through
the OVP pin.
Figure 27 and figure 28 show 2 different
configurations to program the OVP setting point --- zener
detection and voltage divider.
It provides zero bias
current during normal operation so that it will not affect the
startup timing, as figure 27.
But the tolerance of OVP trip
point will be larger due to the distribution of the breakdown
voltage of zener diode.
On the other hand, using the circuit of figure 28 will be
beneficial from the minimum cost and higher OVP
accuracy, but it requires larger value of R1 and R2 to
avoid affecting on startup timing by the load effect.
As shown in figure 29, if the voltage on the OVP pin rise
above threshold voltage of 2.5V, the output gate drive
circuit will be shutdown simultaneous in order to stop
switching the power MOSFET.
But if the voltage on the
OVP pin drops below 2.5V, it will automatically resume to
the normal operation on the next UVLO(on) level.
VCC
GND
LD7523
OVP
Vz
Vbulk-cap
V(OVP)= Vz+2.5V
Fig. 27
)
1
2
1
(
5
.
2
)
(
R
R
V
OVP
V
+
⋅
=
Fig. 28
VCC
UVLO(on)
UVLO(off)
t
OVP Tripped
t
OUT
Switching
Switching
Non-Switching
OVP Level
Fig. 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com