Electronic Components Datasheet Search
  English  ▼

X  

LD7523GS Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD7523GS
Description  Smart Green-Mode PWM Controller with Multiple Protections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7523GS Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD7523GS Datasheet HTML 8Page - Leadtrend Technology LD7523GS Datasheet HTML 9Page - Leadtrend Technology LD7523GS Datasheet HTML 10Page - Leadtrend Technology LD7523GS Datasheet HTML 11Page - Leadtrend Technology LD7523GS Datasheet HTML 12Page - Leadtrend Technology LD7523GS Datasheet HTML 13Page - Leadtrend Technology LD7523GS Datasheet HTML 14Page - Leadtrend Technology LD7523GS Datasheet HTML 15Page - Leadtrend Technology LD7523GS Datasheet HTML 16Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LD7523
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7523-DS-00
June 2009
Brownout Protection & Line Compensation
The LD7523 employs BNO pin to set the brownout
protection point and the line voltage OVP point though
BNO pin.
The voltage across the BNO pin is proportional to the bulk
capacitor voltage, referred as the line voltage.
A
brownout comparator is implemented to detect the
abnormal line condition. As soon as the condition is
detected, it will shut down the controller to prevent the
damage.
Figure 22 shows the operation.
When VBNO
falls below 1.25V, the gate output will be kept off even Vcc
has already achieved UVLO(ON). It therefore makes Vcc
hiccup between UVLO(ON) and UVLO(OFF). Unless the
line voltage is large enough to pull VBNO larger than 1.25V,
the gate output will not start switching even when the next
UVLO(ON) is tripped. A hysteresis is implemented to
prevent the false trigger during turn-on and turn-off.
Meanwhile, LD7523 detects the voltage across BNO pin
to feed the line compensation signal to the current sense
circuit. Figure 23 shows the circuit. The OCP level of
high-line and low-line can be set to a very close point.
The
voltage
gain
from
the
BNO
voltage
to
line
compensation is 0.04 (V/V).
The relationship between
BNO pin voltage and the line compensation is illustrated
in figure 24.
1.25V
t
Vcc
t
OUT
Switching
Non-Switching
t
VBNO
t
Line Voltage
1.10V
AC OK area
UVLO(on)
UVLO(off)
Fig. 22
∑
ac
V
⋅
2
Fig. 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com