Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS35
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS35 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 12Page - Texas Instruments TPS35 Datasheet HTML 13Page - Texas Instruments TPS35 Datasheet HTML 14Page - Texas Instruments TPS35 Datasheet HTML 15Page - Texas Instruments TPS35 Datasheet HTML 16Page - Texas Instruments TPS35 Datasheet HTML 17Page - Texas Instruments TPS35 Datasheet HTML 18Page - Texas Instruments TPS35 Datasheet HTML 19Page - Texas Instruments TPS35 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Watchdog Timer
Logic
WDO
Logic
Oscillator
VDD
WD_EN
SET0
WDI
GND
WDO
Figure 7-4. Pinout Option J
Capacitance
Detection
Watchdog Timer
Logic
WDO
Logic
Oscillator
VDD
CRST
CWD
WDI
GND
WDO
Figure 7-5. Pinout Option K
7.3 Feature Description
7.3.1 Timeout Watchdog Timer
The TPS3435 offers high precision timeout watchdog timer monitoring. The device is available in multiple pinout
options A to K which support multiple features to meet ever expanding needs of various applications. Make sure
a correct pinout is selected to meet the application needs.
The timeout watchdog is active when the VDD voltage is higher than the VDDMIN, MR voltage is held higher
than 0.7 x VDD and watchdog is enabled. TPS3435 family offers various startup time delay options to make
sure enough time is available for the host to complete boot operation. Please refer Section 7.3.1.3 for additional
details.
The timeout watchdog timer monitors the WDI pin for falling edge in the time frame defined by tWD time period.
Refer Section 7.3.1.1 section to arrive at the relevant tWD value needed for application. The timer value is reset
when a valid falling edge is detected on WDI pin in the tWD time duration. When a valid WDI transition is not
detected in tWD time, the device asserts WDO output. The WDO is asserted for time tWDO . Refer Section 7.3.3
to arrive at the relevant tWDO value needed for application.
Figure 7-6 shows the basic operation for timeout watchdog timer operation. The TPS3435 watchdog functionality
supports multiple features. Details are available in following sub sections.
TPS3435
SNVSCF7A – DECEMBER 2022 – REVISED AUGUST 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com