Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS35
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS35 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 5Page - Texas Instruments TPS35 Datasheet HTML 6Page - Texas Instruments TPS35 Datasheet HTML 7Page - Texas Instruments TPS35 Datasheet HTML 8Page - Texas Instruments TPS35 Datasheet HTML 9Page - Texas Instruments TPS35 Datasheet HTML 10Page - Texas Instruments TPS35 Datasheet HTML 11Page - Texas Instruments TPS35 Datasheet HTML 12Page - Texas Instruments TPS35 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
6.6 Electrical Characteristics
At 1.04V ≤ VDD ≤ 6V, MR = Open, WDO pull-up resistor (Rpull-up) = 100kΩ to VDD, output load (CLOAD) = 10pF and over
operating free-air temperature range –40
℃ to 125℃, unless otherwise noted. VDD ramp rate ≤ 1V/µs. Typical values are at
TA = 25℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COMMON PARAMETERS
VDD
Input supply voltage
Active LOW output
1.04
6
V
IDD
Supply current into VDD pin (1)
TA = –40℃ to 85℃
0.25
0.8
µA
0.25
3
VIL
Low level input voltage WD–EN, WDI,
SETx, MR (1)
0.3VDD
V
VIH
High level input voltage WD–EN, WDI,
SETx, MR (1)
0.7VDD
V
R MR
Manual reset internal pull-up resistance
100
kΩ
WDO (Open-drain active-low)
VOL
Low level output voltage
VDD =1.5V
IOUT(Sink) = 500µA
300
mV
VDD = 3.3V
IOUT(Sink) = 2mA
300
Ilkg(OD)
Open-Drain output leakage current
VDD = VPULLUP = 6V
TA = –40℃ to 85℃
10
30
nA
VDD = VPULLUP = 6V
10
60
nA
WDO (Push-pull active-low)
VPOR
Power on WDO voltage (2)
VOH(min) = 0.8 VDD
Iout (source) = 15µA
900
mV
VOL
Low level output voltage
VDD = 1.5V
IOUT(Sink) = 500µA
300
mV
VDD = 3.3V
IOUT(Sink) = 2mA
300
VOH
High level output voltage
VDD = 1.8V
IOUT(Source) = 500µA
0.8VDD
V
VDD = 3.3V
IOUT(Source) = 500µA
0.8VDD
VDD = 6V
IOUT(Source) = 2mA
0.8VDD
(1)
If the logic signal driving MR is less than VDD, then additional current flows into VDD and out of MR.
(2)
VPOR is the minimum VDD voltage level for a controlled output state
www.ti.com
TPS3435
SNVSCF7A – DECEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com