Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS35
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS35 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 17Page - Texas Instruments TPS35 Datasheet HTML 18Page - Texas Instruments TPS35 Datasheet HTML 19Page - Texas Instruments TPS35 Datasheet HTML 20Page - Texas Instruments TPS35 Datasheet HTML 21Page - Texas Instruments TPS35 Datasheet HTML 22Page - Texas Instruments TPS35 Datasheet HTML 23Page - Texas Instruments TPS35 Datasheet HTML 24Page - Texas Instruments TPS35 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
SET Pin (2 Pins) Operation; WD_EN Pin Not Available
SET[1:0]
00 = WD multiplier = 1
01 = WD Disabled
10 = WD multiplier = n
11 = WD multiplier = m
WD time value
tWD
WD Disabled
tWD X m
tWD X n
SET Pin (2 Pins) Operation; WD_EN Available = 1
SET[1:0]
00 or 01 = WD multiplier = 1
10 = WD multiplier = n
11 = WD multiplier = m
WD time value
tWD
tWD X m
tWD X n
tWD = Fixed based on OPN or programmable using capacitor
n,m
= Fixed based on timeset multiplier chosen
Figure 7-10. Watchdog Operation with 2 SET Pins
SET0
0 = WD multiplier = 1
1 = WD multiplier = n
0 = WD multiplier = 1
1 = WD multiplier = n
WD time
value
tWD
tWD X n
tWD
tWD X n
tWD = Fixed based on OPN or programmable using capacitor
n = Fixed based on timeset multiplier chosen
Figure 7-11. Watchdog Operation with 1 SET Pin
www.ti.com
TPS3435
SNVSCF7A – DECEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com