Electronic Components Datasheet Search
  English  ▼

X  

ADPA1120 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA1120
Description  4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1120 Datasheet(HTML) 1 Page - Analog Devices

  ADPA1120 Datasheet HTML 1Page - Analog Devices ADPA1120 Datasheet HTML 2Page - Analog Devices ADPA1120 Datasheet HTML 3Page - Analog Devices ADPA1120 Datasheet HTML 4Page - Analog Devices ADPA1120 Datasheet HTML 5Page - Analog Devices ADPA1120 Datasheet HTML 6Page - Analog Devices ADPA1120 Datasheet HTML 7Page - Analog Devices ADPA1120 Datasheet HTML 8Page - Analog Devices ADPA1120 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
ADPA1120
4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
►
Internally matched and AC-coupled, 4.5W, GaN power amplifier
►
Integrated temperature-compensated RF power detector
►
POUT: 36.5dBm typical with PIN = 1dBm from 9.5GHz to 11.5GHz
►
Small signal gain: 38.5dB typical from 9.5GHz to 11.5GHz
►
Power gain: 35.5dB typical with PIN = 1dBm from 9.5GHz to
11.5GHz
►
PAE: 47% typical with PIN = 1dBm from 9.5GHz to 11.5GHz
►
Supply voltage: 20V at 50mA on 10% duty cycle
►
32-lead, 5mm × 5mm, LFCSP
APPLICATIONS
►
Weather radars
►
Marine radars
►
Military radars
GENERAL DESCRIPTION
The ADPA1120 is a 8GHz to 12GHz power amplifier with a satu-
rated output power (POUT) of 36.5dBm, power added efficiency
(PAE) of 47%, and a power gain of 35.5dB typical from 9.5GHz to
11.5GHz at an input power (PIN) of 1dBm. The RF input and RF
output are internally matched and AC-coupled. A drain bias voltage
of 20V is applied to the VDD1-2, VDD3, and VDD4 pins. The drain
current is set by applying a negative voltage to the VGG1-2 pin.
The ADPA1120 is fabricated on a gallium nitride (GaN) process, is
housed in a 32-lead, 5mm × 5mm lead frame chip scale package
[LFCSP] and is specified for operation from −40°C to +85°C
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADPA1120

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA1122 AD-ADPA1122 Datasheet
880Kb / 17P
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
ADPA1122-EVALZ AD-ADPA1122-EVALZ Datasheet
880Kb / 17P
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
ADPA1122AEHZ AD-ADPA1122AEHZ Datasheet
880Kb / 17P
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
ADPA1122AEHZ-R7 AD-ADPA1122AEHZ-R7 Datasheet
880Kb / 17P
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
More results

Similar Description - ADPA1120

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2710 TRIQUINT-TGA2710 Datasheet
193Kb / 15P
10.5 - 12GHz High Power Amplifier
logo
Pasternack Enterprises,...
PE7116 PASTERNACK-PE7116 Datasheet
117Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 8GHz TO 12GHz SWITCH TYPE:SPDT
PE7137 PASTERNACK-PE7137 Datasheet
242Kb / 1P
SMA FEMALE TRANSFER SWITCH FREQUENCY RANGE: 8GHz TO 12GHz
logo
United Monolithic Semic...
CHA6005-99F UMS-CHA6005-99F Datasheet
271Kb / 10P
8-12GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA2598 TRIQUINT-TGA2598_15 Datasheet
581Kb / 13P
6 12GHz 2W GaN Driver Amplifier
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800_14 Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
logo
United Monolithic Semic...
CHA6005-QEG UMS-CHA6005-QEG_15 Datasheet
541Kb / 12P
8-12GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA2590-CP TRIQUINT-TGA2590-CP Datasheet
579Kb / 11P
6 to 12GHz, 30W GaN Power Amplifier
logo
United Monolithic Semic...
CHA6015-99F UMS-CHA6015-99F Datasheet
1Mb / 14P
2-8GHz High Power Amplifier
logo
Rohm
BA536 ROHM-BA536 Datasheet
132Kb / 2P
12V/4.5W Dual Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com