Electronic Components Datasheet Search
  English  ▼

X  

ADPA1120 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPA1120
Description  4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1120 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPA1120 Datasheet HTML 8Page - Analog Devices ADPA1120 Datasheet HTML 9Page - Analog Devices ADPA1120 Datasheet HTML 10Page - Analog Devices ADPA1120 Datasheet HTML 11Page - Analog Devices ADPA1120 Datasheet HTML 12Page - Analog Devices ADPA1120 Datasheet HTML 13Page - Analog Devices ADPA1120 Datasheet HTML 14Page - Analog Devices ADPA1120 Datasheet HTML 15Page - Analog Devices ADPA1120 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Data Sheet
ADPA1120
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 12 of 19
Figure 33. PDISS vs. PIN at Various Frequencies at 85°C
Figure 34. PDISS vs. PIN at Various Frequencies, Pulse Width = 500µs at 10%
Duty Cycle
Figure 35. PDISS vs. PIN at Various Frequencies, Pulse Width = 1250µs at 10%
Duty Cycle
Figure 36. PDISS vs. PIN at Various Frequencies, Pulse Width = 100µs at 2%
Duty Cycle
Figure 37. PDISS vs. PIN at Various Frequencies, Pulse Width = 100µs at 50%
Duty Cycle
Figure 38. Reverse Isolation vs. Frequency at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com