Electronic Components Datasheet Search
  English  ▼

X  

ADPA1120 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA1120
Description  4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1120 Datasheet(HTML) 3 Page - Analog Devices

  ADPA1120 Datasheet HTML 1Page - Analog Devices ADPA1120 Datasheet HTML 2Page - Analog Devices ADPA1120 Datasheet HTML 3Page - Analog Devices ADPA1120 Datasheet HTML 4Page - Analog Devices ADPA1120 Datasheet HTML 5Page - Analog Devices ADPA1120 Datasheet HTML 6Page - Analog Devices ADPA1120 Datasheet HTML 7Page - Analog Devices ADPA1120 Datasheet HTML 8Page - Analog Devices ADPA1120 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
ADPA1120
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 19
ELECTRICAL SPECIFICATIONS
TCASE = 25°C, supply current (VDD) = 20V, quiescent current (IDQ) = 50mA, pulse width = 100µs, 10% duty cycle, and frequency range = 8GHz
to 9.5GHz, unless otherwise noted.
Table 1. 8GHz to 9.5GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
8
9.5
GHz
GAIN
Small Signal Gain (S21)
39
dB
Gain Flatness
±1.37
dB
RETURN LOSS
Input (S11)
15
dB
Output (S22)
20
dB
POWER
POUT
34.5
36.5
dBm
PIN = 1dBm
Gain
33.5
35.5
dB
PIN = 1dBm
PAE
50
%
PIN = 1dBm
IDQ
50
mA
Adjust the gate control voltage (VGG1) between −3V and −1V to achieve
an IDQ = 50mA, VGG1 = −2.0V typical to achieve IDQ = 50mA
TCASE = 25°C, VDD = 20V, IDQ = 50mA, pulse width = 100µs, 10% duty cycle, and frequency range = 9.5GHz to 11.5GHz, unless otherwise
noted.
Table 2. 9.5GHz to 11.5GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
9.5
11.5
GHz
GAIN
S21
38.5
dB
Gain Flatness
±1.13
dB
RETURN LOSS
S11
15
dB
S22
11
dB
POWER
POUT
34.5
36.5
dBm
PIN = 1dBm
Gain
33.5
35.5
dB
PIN = 1dBm
PAE
47
%
PIN = 1dBm
IDQ
50
mA
Adjust VGG1 between −3V and −1V to achieve an IDQ = 50mA, VGG1 =
−2.0V typical to achieve IDQ = 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com