Electronic Components Datasheet Search
  English  ▼

X  

ADPA1120 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA1120
Description  4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1120 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA1120 Datasheet HTML 9Page - Analog Devices ADPA1120 Datasheet HTML 10Page - Analog Devices ADPA1120 Datasheet HTML 11Page - Analog Devices ADPA1120 Datasheet HTML 12Page - Analog Devices ADPA1120 Datasheet HTML 13Page - Analog Devices ADPA1120 Datasheet HTML 14Page - Analog Devices ADPA1120 Datasheet HTML 15Page - Analog Devices ADPA1120 Datasheet HTML 16Page - Analog Devices ADPA1120 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
ADPA1120
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 19
Figure 39. PAE, POUT, Gain, and Supply Current (IDD) vs. PIN at 8GHz
Figure 40. PAE, POUT, Gain, and IDD vs. PIN at 10GHz
Figure 41. PAE, POUT, Gain, and IDD vs. PIN at 12GHz
Figure 42. PAE, POUT, Gain, and IDD vs. PIN at 9GHz
Figure 43. PAE, POUT, Gain, and IDD vs. PIN at 11GHz
Figure 44. Second Harmonic at PIN = 1dBm vs. Frequency for Various
Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com