Electronic Components Datasheet Search
  English  ▼

X  

ADPL21501 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPL21501
Description  Micropower Step-Up DC/DC Converter in a ThinSOT Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21501 Datasheet(HTML) 5 Page - Analog Devices

  ADPL21501 Datasheet HTML 1Page - Analog Devices ADPL21501 Datasheet HTML 2Page - Analog Devices ADPL21501 Datasheet HTML 3Page - Analog Devices ADPL21501 Datasheet HTML 4Page - Analog Devices ADPL21501 Datasheet HTML 5Page - Analog Devices ADPL21501 Datasheet HTML 6Page - Analog Devices ADPL21501 Datasheet HTML 7Page - Analog Devices ADPL21501 Datasheet HTML 8Page - Analog Devices ADPL21501 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
ADPL21501
analog.com
Rev. 0
5 of 15
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Pin Descriptions
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
Pin 1
SW
Switch Pin. This is the collector of the internal NPN power switch. Minimize the
metal trace area connected to this pin to minimize Electromagnetic interference
(EMI).
Pin 2
GND
Ground. Tie this pin directly to the local ground plane.
Pin 3
FB
Feedback Pin. Set the output voltage by selecting values for R1 and R2
(see Figure 4 for more details).
R1 = R2 × (
VOUT
1.23
− 1)
Pin 4
SHDN
Shutdown Pin. Tie this pin to 0.9V or higher to enable the device. Tie below 0.25V
to turn off the device.
Pin 5
VIN
Input Supply Pin. Bypass this pin with a capacitor that is as close to the device
as possible.
SW 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
TJMAX = 125°C, θJA = 256°C/W
FB 3
5 VIN
4 SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com