Electronic Components Datasheet Search
  English  ▼

X  

ADPL21501 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPL21501
Description  Micropower Step-Up DC/DC Converter in a ThinSOT Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21501 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPL21501 Datasheet HTML 2Page - Analog Devices ADPL21501 Datasheet HTML 3Page - Analog Devices ADPL21501 Datasheet HTML 4Page - Analog Devices ADPL21501 Datasheet HTML 5Page - Analog Devices ADPL21501 Datasheet HTML 6Page - Analog Devices ADPL21501 Datasheet HTML 7Page - Analog Devices ADPL21501 Datasheet HTML 8Page - Analog Devices ADPL21501 Datasheet HTML 9Page - Analog Devices ADPL21501 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
ADPL21501
analog.com
Rev. 0
6 of 15
BLOCK DIAGRAM
Figure 4. ADPL21501 Block Diagram
–
+
5
400ns
ONE-SHOT
DRIVER
RESET
ENABLE
12mV
0.12Ω
A2
A1
Q3
2
R4
140kΩ
R3
30kΩ
R6
40kΩ
R5
40kΩ
Q2
×10
Q1
3
VIN
FB
4
SHDN
1
SW
GND
L1
C2
VOUT
VIN
D1
R2
(EXTERNAL)
R1
(EXTERNAL)
VOUT
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com