Electronic Components Datasheet Search
  English  ▼

X  

ADPL21501 Datasheet(PDF) 8 Page - Analog Devices

Part # ADPL21501
Description  Micropower Step-Up DC/DC Converter in a ThinSOT Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21501 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPL21501 Datasheet HTML 4Page - Analog Devices ADPL21501 Datasheet HTML 5Page - Analog Devices ADPL21501 Datasheet HTML 6Page - Analog Devices ADPL21501 Datasheet HTML 7Page - Analog Devices ADPL21501 Datasheet HTML 8Page - Analog Devices ADPL21501 Datasheet HTML 9Page - Analog Devices ADPL21501 Datasheet HTML 10Page - Analog Devices ADPL21501 Datasheet HTML 11Page - Analog Devices ADPL21501 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet
ADPL21501
analog.com
Rev. 0
8 of 15
Figure 11. Shutdown Pin Current
Figure 12. Start-up Waveform
(See Figure 1, Typical Application Circuit)
Figure 13. Steady-state Waveforms at Full Load
(See Figure 1, Typical Application Circuit)
Figure 14. Steady-state Waveform at Light Load
(See Figure 1, Typical Application Circuit)
Figure 15. Transient Response 250µA to 500µA
(See Figure 1, Typical Application Circuit)
Figure 16. Transient Response Light Load to 250µA
(See Figure 1, Typical Application Circuit)
SHUTDOWN PIN VOLTAGE (V)
25
20
15
10
5
0
0
2.5
7.5
12.5
5.0
10.0
15.0
25°C
100°C
VIN = 3.3V
ILOAD = 500µA
SHDN
2V/DIV
VOUT
20V/DIV
VSW
20V/DIV
IL
200mA/DIV
1ms/DIV
VIN = 3.3V
ILOAD = 500µA
VOUT
200mV/DIV
VSW
20V/DIV
IL
200mA/DIV
400µs/DIV
VIN = 3.3V
ILOAD = 10µA
VOUT
200mV/DIV
VSW
20V/DIV
IL
200mA/DIV
10ms/DIV
VIN = 3.3V
IOUT = 250µA TO 500µA
VOUT
200mV/DIV
IOUT
250µA/DIV
IL
200mA/DIV
1ms/DIV
VIN = 3.3V
ILOAD = 10µA TO 250µA
VOUT
200mV/DIV
IOUT
250µA/DIV
IL
200mA/DIV
10ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com