Electronic Components Datasheet Search
  English  ▼

X  

ADPL21501 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL21501
Description  Micropower Step-Up DC/DC Converter in a ThinSOT Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL21501 Datasheet(HTML) 1 Page - Analog Devices

  ADPL21501 Datasheet HTML 1Page - Analog Devices ADPL21501 Datasheet HTML 2Page - Analog Devices ADPL21501 Datasheet HTML 3Page - Analog Devices ADPL21501 Datasheet HTML 4Page - Analog Devices ADPL21501 Datasheet HTML 5Page - Analog Devices ADPL21501 Datasheet HTML 6Page - Analog Devices ADPL21501 Datasheet HTML 7Page - Analog Devices ADPL21501 Datasheet HTML 8Page - Analog Devices ADPL21501 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
ADPL21501
Micropower Step-Up DC/DC Converter in a ThinSOT Package
Rev. 0
DOCUMENT FEEDBACK
One Analog Wa y, Wilmington, MA 01887 - 2356, U.S.A.
T el: 781.329.4700
TECHNICAL SUPPORT
© 202
5 Analog Devices, Inc. All rights reserved.
FEATURES
Low Quiescent Current:
20µA in Active Mode
<2µA in Shutdown Mode
Operates with a VIN as Low as 1V
Low VCESAT Switch: 95mV at 70mA
Uses Small Surface Mount Components
High Output Voltage: Up to 30V
Low Profile (1mm) ThinSOTTM Package
Organic Light Emitting Diode (OLED) Power
Medical Diagnostic Equipment
APPLICATIONS
Portable Electronics
Battery Backup
Digital Cameras
Organic Light Emitting Diode (OLED) Power
Medical Diagnostic Equipment
GENERAL DESCRIPTION
The ADPL21501 is a micropower step-up DC/DC
converter in a 5-lead, low-profile (1mm) ThinSOT
package. The ADPL21501 is designed for higher power
systems with a 100mA current limit and an input voltage
range of 1V to 15V. The ADPL21501 features a quiescent
current of only 20µA at no load, which further reduces to
2µA (max) in shutdown. A current-limited, fixed off-time
control scheme conserves operating current, resulting
in high efficiency over a broad range of load currents.
The 32V switch enables the generation of high-voltage
outputs up to 30V in a simple boost topology,
eliminating the need for costly transformers. The
ADPL21501’s low off-time of 400ns permits the use of
tiny, low-profile inductors and capacitors, minimizing
footprint and cost in space-conscious portable
applications.
TYPICAL APPLICATION
Figure 1. 30V Converter for PIN Diode Driver
Figure 2. Efficiency vs. Load Current
FB
ADPL21501
VIN
1V TO 6V
L1
22µH
D1
SHDN
R2
432kΩ
R1
10MΩ
C2
1µF
VOUT
30V, 500µA
L1: WÜRTH 74438335220
C1: MURATA GRM21BR71C475KE51L
D1: ONSEMI MBR0540
C2: MURATA GRM31CR72A105KA01K
GND
C1
4.7µF
VIN
SW
LOAD CURRENT (µA)
10
100
500
100
90
80
70
60
50
40
30
20
10
0
VIN = 1.8V
VIN = 3.3V
VIN = 5V


Similar Part No. - ADPL21501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL21504 AD-ADPL21504 Datasheet
772Kb / 16P
Micropower Step-Up DC/DC Converter in a ThinSOT Package
Rev. 0
ADPL21504IS5#TRPBF AD-ADPL21504IS5#TRPBF Datasheet
772Kb / 16P
Micropower Step-Up DC/DC Converter in a ThinSOT Package
Rev. 0
More results

Similar Description - ADPL21501

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3460 LINER-LT3460 Datasheet
211Kb / 12P
1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
Micropower Step-up DC/DC Converter
logo
Analog Microelectronics
AME5138 AME-AME5138 Datasheet
533Kb / 16P
Micropower Step-Up DC/DC Converter
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309A TMT-T6309A Datasheet
364Kb / 13P
Micropower Step-up DC/DC Converter
logo
Linear Technology
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
Micropower Step-Up DC/DC Converters in ThinSOT
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
Micropower Step-Up DC/DC Converters in ThinSOT
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
Micropower Step-Up DC/DC Converters in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com