Electronic Components Datasheet Search
  English  ▼

X  

TPS3780CDBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS3780CDBVT
Description  TPS37xx Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3780CDBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS3780CDBVT Datasheet HTML 1Page - Texas Instruments TPS3780CDBVT Datasheet HTML 2Page - Texas Instruments TPS3780CDBVT Datasheet HTML 3Page - Texas Instruments TPS3780CDBVT Datasheet HTML 4Page - Texas Instruments TPS3780CDBVT Datasheet HTML 5Page - Texas Instruments TPS3780CDBVT Datasheet HTML 6Page - Texas Instruments TPS3780CDBVT Datasheet HTML 7Page - Texas Instruments TPS3780CDBVT Datasheet HTML 8Page - Texas Instruments TPS3780CDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
SENSE1
GND
SENSE2
VDD
OUT1
OUT2
1
2
3
6
5
4
SENSE1
GND
SENSE2
VDD
OUT1
OUT2
1
2
3
6
5
4
TPS3779, TPS3780
www.ti.com
SBVS250 – APRIL 2015
5 Device Comparison Table
PRODUCT
HYSTERESIS (%)
OUTPUT
TPS3779A
0.5
Push-pull
TPS3779B
5
Push-pull
TPS3779C
10
Push-pull
TPS3779D
1
Push-pull
TPS3780A
0.5
Open-drain
TPS3780B
5
Open-drain
TPS3780C
10
Open-drain
TPS3780D
1
Open-drain
6 Pin Configuration and Functions
DRY Package
DBV Package
1.45-mm × 1-mm µSON
SOT23-6
(Top View)
(Top View)
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
DRY
DBV
GND
2
5
—
Ground
OUT1 is the output for SENSE1. OUT1 is asserted (driven low) when the
voltage at SENSE1 falls below VIT–. OUT1 is deasserted (goes high) after
SENSE1 rises higher than VIT+. OUT1 is a push-pull output for the TPS3779
OUT1
5
2
O
and an open-drain output for the TPS3780. The open-drain device
(TPS3780) can be pulled up to 6.5 V independent of VDD; a pull-up resistor
is required for this device.
OUT2 is the output for SENSE2. OUT2 is asserted (driven low) when the
voltage at SENSE2 falls below VIT–. OUT2 is deasserted (goes high) after
SENSE2 rises higher than VIT+. OUT2 is a push-pull output for the TPS3779
OUT2
4
3
O
and an open-drain output for the TPS3780. The open-drain device
(TPS3780) can be pulled up to 6.5 V independent of VDD; a pull-up resistor
is required for this device.
This pin is connected to the voltage to be monitored with the use of an
SENSE1
1
6
I
external resistor divider. When the voltage at this pin drops below the
threshold voltage (VIT–), OUT1 is asserted.
This pin is connected to the voltage to be monitored with the use of an
SENSE2
3
4
I
external resistor divider. When the voltage at this pin drops below the
threshold voltage (VIT–), OUT2 is asserted.
Supply voltage input. Connect a 1.5-V to 6.5-V supply to VDD in order to
VDD
6
1
I
power the device. Good analog design practice is to place a 0.1-µF ceramic
capacitor close to this pin (required for VDD < 1.5 V).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS3779 TPS3780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com