Electronic Components Datasheet Search
  English  ▼

X  

TPS3780CDBVT Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS3780CDBVT
Description  TPS37xx Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3780CDBVT Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS3780CDBVT Datasheet HTML 25Page - Texas Instruments TPS3780CDBVT Datasheet HTML 26Page - Texas Instruments TPS3780CDBVT Datasheet HTML 27Page - Texas Instruments TPS3780CDBVT Datasheet HTML 28Page - Texas Instruments TPS3780CDBVT Datasheet HTML 29Page - Texas Instruments TPS3780CDBVT Datasheet HTML 30Page - Texas Instruments TPS3780CDBVT Datasheet HTML 31Page - Texas Instruments TPS3780CDBVT Datasheet HTML 32Page - Texas Instruments TPS3780CDBVT Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
www.ti.com
PACKAGE OUTLINE
C
6X
0.25
0.15
4X
0.5
5X
0.35
0.25
2X
1
0.6 MAX
0.05
0.00
3X 0.6
0.4
0.3
B
1.05
0.95
A
1.5
1.4
(0.05) TYP
(0.127) TYP
4222894/A 01/2018
USON - 0.6 mm max height
DRY0006A
PLASTIC SMALL OUTLINE - NO LEAD
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
3
4
6
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
C
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SCALE 8.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com