Electronic Components Datasheet Search
  English  ▼

X  

TPS3780CDBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS3780CDBVT
Description  TPS37xx Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3780CDBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS3780CDBVT Datasheet HTML 1Page - Texas Instruments TPS3780CDBVT Datasheet HTML 2Page - Texas Instruments TPS3780CDBVT Datasheet HTML 3Page - Texas Instruments TPS3780CDBVT Datasheet HTML 4Page - Texas Instruments TPS3780CDBVT Datasheet HTML 5Page - Texas Instruments TPS3780CDBVT Datasheet HTML 6Page - Texas Instruments TPS3780CDBVT Datasheet HTML 7Page - Texas Instruments TPS3780CDBVT Datasheet HTML 8Page - Texas Instruments TPS3780CDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TPS3779, TPS3780
SBVS250 – APRIL 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
–0.3
7
V
OUT1, OUT2 (TPS3779 only)
–0.3
VDD + 0.3
V
Voltage
OUT1, OUT2 (TPS3780 only)
–0.3
7
V
SENSE1, SENSE2
–0.3
7
V
Current
OUT1, OUT2
±20
mA
Operating junction, TJ
–40
125
°C
Temperature
Storage, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Power-supply voltage
1.5
6.5
V
Sense voltage
SENSE1, SENSE2
0
6.5
V
Output voltage (TPS3779 only)
OUT1, OUT2
0
VDD + 0.3
V
Output voltage (TPS3780 only)
OUT1, OUT2
0
6.5
V
RPU
Pullup resistor (TPS3780 only)
1.5
10,000
k
Ω
Current
OUT1, OUT2
–5
5
mA
CIN
Input capacitor
0.1
µF
TJ
Junction temperature
–40
25
125
°C
7.4 Thermal Information
TPS3779, TPS3780
THERMAL METRIC(1)
DRY (USON)
DBV (SOT23-6)
UNIT
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
306.7
193.9
RθJC(top)
Junction-to-case (top) thermal resistance
174.1
134.5
RθJB
Junction-to-board thermal resistance
173.4
39.0
°C/W
ψJT
Junction-to-top characterization parameter
30.9
30.4
ψJB
Junction-to-board characterization parameter
171.6
38.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
65.2
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, .
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS3779 TPS3780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com