Electronic Components Datasheet Search
  English  ▼

X  

TPS3780CDBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS3780CDBVT
Description  TPS37xx Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3780CDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3780CDBVT Datasheet HTML 2Page - Texas Instruments TPS3780CDBVT Datasheet HTML 3Page - Texas Instruments TPS3780CDBVT Datasheet HTML 4Page - Texas Instruments TPS3780CDBVT Datasheet HTML 5Page - Texas Instruments TPS3780CDBVT Datasheet HTML 6Page - Texas Instruments TPS3780CDBVT Datasheet HTML 7Page - Texas Instruments TPS3780CDBVT Datasheet HTML 8Page - Texas Instruments TPS3780CDBVT Datasheet HTML 9Page - Texas Instruments TPS3780CDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
VHYS
OUTx
tSD
VDD
VDD(min)
SENSEx
V(POR)
VIT+
VIT±
tPD(r)
tPD(f)
570 µs
Undefined
Undefined
570 µs
TPS3779, TPS3780
SBVS250 – APRIL 2015
www.ti.com
7.6 Timing Requirements
Typical values are at TJ = 25°C and VDD = 3.3 V. SENSE transitions between 0 V and 1.3 V.
MIN
NOM
MAX
UNIT
tPD(r)
SENSE (rising) to OUT propagation delay
5.5
µs
tPD(f)
SENSE (falling) to OUT propagation delay
10
µs
tSD
Startup delay(1)
570
µs
(1)
During power-on or a VDD transient below VDD(min), the outputs reflect the input conditions 570 µs after VDD transitions through
VDD(min).
Figure 1. Timing Diagram
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS3779 TPS3780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com