Electronic Components Datasheet Search
  English  ▼

X  

TPS37100 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS37100
Description  TPS37100-Q1, TPS37102-Q1 Automotive 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS37100 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS37100 Datasheet HTML 12Page - Texas Instruments TPS37100 Datasheet HTML 13Page - Texas Instruments TPS37100 Datasheet HTML 14Page - Texas Instruments TPS37100 Datasheet HTML 15Page - Texas Instruments TPS37100 Datasheet HTML 16Page - Texas Instruments TPS37100 Datasheet HTML 17Page - Texas Instruments TPS37100 Datasheet HTML 18Page - Texas Instruments TPS37100 Datasheet HTML 19Page - Texas Instruments TPS37100 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
TPS37100-Q1
VDD
VDD
R2
R1
VMON
VSENSE
GND
SENSE
CTS
OUT A
AEN
VPullup1
CTR
AOUT
OUT B
VPullup2
RPullup1
RPullup2
Figure 7-3. Adjustable Voltage Threshold with External Resistor Dividers
7.3.2.2 SENSE Hysteresis
TPS3710x-Q1 device offers built-in hysteresis around the UV and OV thresholds to avoid erroneous OUT A and
OUT B deassertions. The hysteresis is opposite to the threshold voltage; for overvoltage options the hysteresis
is subtracted from the positive threshold (VITP), for undervoltage options hysteresis is added to the negative
threshold (VITN). Figure 7-4 and Figure 7-5 highlight the OUT A and OUT B behavior based on a window variant
with standard OUT A/B.
V
OUT A
V
SENSE
VITP - VHYS VITP
Figure 7-4. Hysteresis (Overvoltage Active-Low)
V
OUT B
V
SENSE
VITN
VITN+VHYS
Figure 7-5. Hysteresis (Undervoltage Active-Low)
Table 7-1. Common Adjustable Threshold Hysteresis Lookup Table
TARGET
DEVICE HYSTERESIS OPTION
ADJUSTABLE
THRESHOLD
TOPOLOGY
RELEASE VOLTAGE (V)
800mV
Overvoltage
792mV
-1%
800mV
Overvoltage
760mV
-5%
800mV
Overvoltage
720mV
-10%
800mV
Undervoltage
808mV
1%
800mV
Undervoltage
840mV
5%
800mV
Undervoltage
880mV
10%
Table 7-1 shows a sample of hysteresis for the 800mV adjustable variant of TPS3710x-Q1.
TPS37100-Q1, TPS37102-Q1
SNVSCN2A – SEPTEMBER 2024 – REVISED SEPTEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS37100-Q1 TPS37102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com