Electronic Components Datasheet Search
  English  ▼

X  

TPS37100 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS37100
Description  TPS37100-Q1, TPS37102-Q1 Automotive 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS37100 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS37100 Datasheet HTML 2Page - Texas Instruments TPS37100 Datasheet HTML 3Page - Texas Instruments TPS37100 Datasheet HTML 4Page - Texas Instruments TPS37100 Datasheet HTML 5Page - Texas Instruments TPS37100 Datasheet HTML 6Page - Texas Instruments TPS37100 Datasheet HTML 7Page - Texas Instruments TPS37100 Datasheet HTML 8Page - Texas Instruments TPS37100 Datasheet HTML 9Page - Texas Instruments TPS37100 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Table 5-1. Pin Functions (continued)
PIN
TPS37100-Q1
TPS37102-Q1
I/O
DESCRIPTION
NAME
NO.
NO.
BIST_EN
-
11
I
Built-in Self-test Enable: A rising edge input must occur on the
BIST_EN to initate BIST. For variants with latch enabled in the
configuration as denoted by in Section 4, BIST_EN enables or disables
a latch on OUT A. See Section 7.3.7 for more details.
CTR
12
12
-
Release Time Delay: User-programmable release time delay for CTR
enabled outputs OUT A and OUT B. Connect an external capacitor for
adjustable time delay or leave the pin floating for the shortest delay.
See Section 7.3.4 for more details.
CTS
13
13
-
Sense Time Delay: User-programmable sense time delay for CTS
enabled outputs OUT A and OUT B. Connect an external capacitor for
adjustable time delay or leave the pin floating for the shortest delay
when CTS is enabled. See Section 7.3.5 for more details.
NC
2, 4, 6, 8, 14
2, 4, 6, 14
-
NC stands for “No Connect.” The pins are to be left floating.
TPS37100-Q1, TPS37102-Q1
SNVSCN2A – SEPTEMBER 2024 – REVISED SEPTEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS37100-Q1 TPS37102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com