Electronic Components Datasheet Search
  English  ▼

X  

TPS37100 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS37100
Description  TPS37100-Q1, TPS37102-Q1 Automotive 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS37100 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS37100 Datasheet HTML 9Page - Texas Instruments TPS37100 Datasheet HTML 10Page - Texas Instruments TPS37100 Datasheet HTML 11Page - Texas Instruments TPS37100 Datasheet HTML 12Page - Texas Instruments TPS37100 Datasheet HTML 13Page - Texas Instruments TPS37100 Datasheet HTML 14Page - Texas Instruments TPS37100 Datasheet HTML 15Page - Texas Instruments TPS37100 Datasheet HTML 16Page - Texas Instruments TPS37100 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
6.9 Typical Characteristics
Typical characteristics show the typical performance of the TPS3710x-Q1 devices. Test conditions are TA = 25°C, RPU =
10kΩ, CLoad = 10pF, AOUT CLoad = 100nF and AOUT VOUT = 2.5V, unless otherwise noted. VIT refers to VITN or VITP.
Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
0
2
4
6
8
10
Figure 6-3. Typical IDD vs Temperature (VDD = 48V) with AOUT
Disabled
Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
0
3
6
9
12
15
18
Figure 6-4. Typical IDD vs Temperature (VDD = 48V) with AOUT
Enabled
Figure 6-5. Typical Adjustable VIT Accuracy vs Temperature
Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
-1
-0.5
0
0.5
1
Figure 6-6. Typical Fixed VIT Accuracy vs Temperature
Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
0
0.5
1
1.5
2
Figure 6-7. Typical VIT 1% Hysteresis vs Temperature
Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
4.5
5
5.5
6
Figure 6-8. Typical VIT 5% Hysteresis vs Temperature
www.ti.com
TPS37100-Q1, TPS37102-Q1
SNVSCN2A – SEPTEMBER 2024 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS37100-Q1 TPS37102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com