Electronic Components Datasheet Search
  English  ▼

X  

TPS37100 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS37100
Description  TPS37100-Q1, TPS37102-Q1 Automotive 105V, 5μA, Window, Overvoltage, or Undervoltage Supervisor with Integrated Buffer for Supply Voltage Measurements
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS37100 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS37100 Datasheet HTML 22Page - Texas Instruments TPS37100 Datasheet HTML 23Page - Texas Instruments TPS37100 Datasheet HTML 24Page - Texas Instruments TPS37100 Datasheet HTML 25Page - Texas Instruments TPS37100 Datasheet HTML 26Page - Texas Instruments TPS37100 Datasheet HTML 27Page - Texas Instruments TPS37100 Datasheet HTML 28Page - Texas Instruments TPS37100 Datasheet HTML 29Page - Texas Instruments TPS37100 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
2
3
12
4
11
5
10
14
1
VDD
TPS37102-Q1
6
7
9
8
DYY Package
GND
13
NC
NC
OUT A
Vias used to connect pins for application-specific connections
NC
BIST
AOUT
BIST_EN
GND
SENSE
NC
OUT B
VPULLUP
VPULLUP
Figure 8-4. TPS37102-Q1 Recommended Layout
8.4.3 Creepage Distance
Per IEC 60664, Creepage is the shortest distance between two conductive parts or as shown in Figure 8-5 the
distance between high voltage conductive parts and grounded parts, the floating conductive part is ignored and
subtracted from the total distance.
a
b
B
A
C
Figure 8-5. Creepage Distance
Figure 8-5 details
• A = Left pins (high voltage)
• B = Central pad (conductive not internally connected, can be left floating or connected to GND)
• C = Right pins (low voltages)
• Creepage distance = a + b
TPS37100-Q1, TPS37102-Q1
SNVSCN2A – SEPTEMBER 2024 – REVISED SEPTEMBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS37100-Q1 TPS37102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com