Electronic Components Datasheet Search
  English  ▼

X  

LM5143 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5143
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5143 Datasheet(HTML) 4 Page - Texas Instruments

  LM5143 Datasheet HTML 1Page - Texas Instruments LM5143 Datasheet HTML 2Page - Texas Instruments LM5143 Datasheet HTML 3Page - Texas Instruments LM5143 Datasheet HTML 4Page - Texas Instruments LM5143 Datasheet HTML 5Page - Texas Instruments LM5143 Datasheet HTML 6Page - Texas Instruments LM5143 Datasheet HTML 7Page - Texas Instruments LM5143 Datasheet HTML 8Page - Texas Instruments LM5143 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
4 Related Products
Table 4-1. Orderable Part Numbers
GENERIC PART
NUMBER
ORDERABLE PART
NUMBER
TI FUNCTIONAL SAFETY CLASSIFICATION(1)
PRODUCT DATA SHEET
LM25137
LM25137RHAR
Functional safety-capable
This data sheet
LM25137F(2)
LM25137F2RHAR
SIL 2 functional safety-compliant
Request preview here
LM25137F3RHAR
SIL 3 functional safety-compliant
(1)
Refer to the functional safety homepage to understand the TI functional safety classifications (in terms of the development process,
analysis report, and diagnostics description).
(2)
Preview information (not Production Data).
LM25137
SNVSCU4 – OCTOBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com