Electronic Components Datasheet Search
  English  ▼

X  

LM5143 Datasheet(PDF) 42 Page - Texas Instruments

Part # LM5143
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5143 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM5143 Datasheet HTML 38Page - Texas Instruments LM5143 Datasheet HTML 39Page - Texas Instruments LM5143 Datasheet HTML 40Page - Texas Instruments LM5143 Datasheet HTML 41Page - Texas Instruments LM5143 Datasheet HTML 42Page - Texas Instruments LM5143 Datasheet HTML 43Page - Texas Instruments LM5143 Datasheet HTML 44Page - Texas Instruments LM5143 Datasheet HTML 45Page - Texas Instruments LM5143 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
(31)
8.2.1.2.4 Shunt Resistors
1. Calculate the shunt resistance based on a maximum peak current capability at least 20% higher than the
peak inductor current at full load to provide sufficient margin during start-up and load-step transients. Use
Equation 32 to calculate the shunt resistances.
(32)
where
• VCS(th) is the 60mV current limit threshold.
2. Select a standard resistance value of 2mΩ for both shunts. A 1225 footprint component with wide aspect
ratio termination design provides a 3W power rating, parasitic inductance (ESL) less than 1nH, and compact
PCB layout. Carefully adhere to the layout guidelines in Layout Guidelines to make sure that noise and
DC errors do not corrupt the current-sense voltages measured differentially at the [ISNS1+, VOUT1] and
[ISNS2+, VOUT2] pins.
3. Place the shunt resistor close to the inductor.
4. Use Kelvin sense connections and route the sense lines differentially from the shunt to the applicable pins of
the LM25137.
5. The current-sense-to-output propagation delay (related to the current limit comparator, internal logic and
power MOSFET gate drivers) causes the peak current to increase above the calculated current limit
threshold. For a total propagation delay of tCS-DELAY of 70ns, use Equation 33 to calculate the worst-case
peak inductor current with the output shorted.
(33)
6. Based on this result, select an inductor for each channel with saturation current greater than 33A across the
full operating temperature range.
8.2.1.2.5 Ceramic Output Capacitors
1. Use Equation 34 to estimate the output capacitance required to manage the output voltage overshoot during
a load-off transient of 10A, assuming a load transient deviation specification of 100mV.
(34)
2. Noting the voltage coefficient of ceramic capacitors where the effective capacitance decreases significantly
with applied voltage, select four 47µF, 10V, X7R, 1210 ceramic output capacitors for each channel.
LM25137
SNVSCU4 – OCTOBER 2025
www.ti.com
42
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com