Electronic Components Datasheet Search
  English  ▼

X  

LM5143 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5143
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5143 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5143 Datasheet HTML 9Page - Texas Instruments LM5143 Datasheet HTML 10Page - Texas Instruments LM5143 Datasheet HTML 11Page - Texas Instruments LM5143 Datasheet HTML 12Page - Texas Instruments LM5143 Datasheet HTML 13Page - Texas Instruments LM5143 Datasheet HTML 14Page - Texas Instruments LM5143 Datasheet HTML 15Page - Texas Instruments LM5143 Datasheet HTML 16Page - Texas Instruments LM5143 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
6.6 Typical Characteristics
VIN = 12V, TJ = 25°C, unless otherwise stated.
Output Current (A)
0
5
10
15
20
70
75
80
85
90
95
100
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
See Figure 8-4
VEN2 = 0V
FSW = 440kHz
Figure 6-1. Efficiency vs Load, 5V Output
Output Current (A)
0
5
10
15
20
70
75
80
85
90
95
100
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
See Figure 8-4
VEN1 = 0V
FSW = 440kHz
Figure 6-2. Efficiency vs Load, 3.3V Output
1ms/DIV
VIN 2V/DIV
VOUT1 1V/DIV
VOUT2 1V/DIV
IOUT2 2A/DIV
See Figure 8-4
5A resistive loads
Figure 6-3. Start-up Characteristic
200µs/DIV
VOUT2 1V/DIV
IOUT2 2A/DIV
VIN 1V/DIV
VOUT1 1V/DIV
See Figure 8-4
5A resistive loads
Figure 6-4. Shutdown Characteristic
100µs/DIV
VOUT1 200mV/DIV
IOUT1 10A/DIV
See Figure 8-4
VOUT1 = 5V
2A/µs slew rate
Figure 6-5. Load Transient Response
400ns/DIV
SW1 5V/DIV
SW2 5V/DIV
See Figure 8-4
IOUT1 = IOUT2 = 10A
Figure 6-6. Switch-Node Voltages
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com