Electronic Components Datasheet Search
  English  ▼

X  

LM5143 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5143
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5143 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5143 Datasheet HTML 8Page - Texas Instruments LM5143 Datasheet HTML 9Page - Texas Instruments LM5143 Datasheet HTML 10Page - Texas Instruments LM5143 Datasheet HTML 11Page - Texas Instruments LM5143 Datasheet HTML 12Page - Texas Instruments LM5143 Datasheet HTML 13Page - Texas Instruments LM5143 Datasheet HTML 14Page - Texas Instruments LM5143 Datasheet HTML 15Page - Texas Instruments LM5143 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
6.5 Electrical Characteristics (continued)
Typical values are at TJ = 25°C. Minimum and maximum limits apply at TJ = –40°C to 150°C. VIN = 12V, unless otherwise
stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TSHD-HYS
Thermal shutdown hysteresis
15
°C
LM25137
SNVSCU4 – OCTOBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com