Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5146
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5146 Datasheet(HTML) 2 Page - Texas Instruments

  LM5146 Datasheet HTML 1Page - Texas Instruments LM5146 Datasheet HTML 2Page - Texas Instruments LM5146 Datasheet HTML 3Page - Texas Instruments LM5146 Datasheet HTML 4Page - Texas Instruments LM5146 Datasheet HTML 5Page - Texas Instruments LM5146 Datasheet HTML 6Page - Texas Instruments LM5146 Datasheet HTML 7Page - Texas Instruments LM5146 Datasheet HTML 8Page - Texas Instruments LM5146 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Several features are included to simplify compliance with CISPR 11 or 32 EMI requirements. Adaptively timed,
high-current MOSFET gate drivers minimize body diode conduction during switching transitions, reducing
switching losses while also improving thermal and EMI performance at high input voltage and high switching
frequency. Resistor-adjustable switching frequency as high as 3.2MHz can be synchronized to an external clock
source to eliminate beat frequencies in noise-sensitive applications.
To further improves the EMI signature, the LM25139 controller has a unique feature known as dual
random spread spectrum (DRSS). Combining low-frequency triangular and high-frequency random modulations
mitigates EMI disturbances across lower and higher frequency bands, respectively. This hybrid technique aligns
with the multiple resolution bandwidth (RBW) settings specified in industry-standard EMC tests.
Additional features of the LM25139 include –40°C to 150°C junction temperature operation, user-selectable PFM
mode for lower current consumption at light-load conditions, open-drain power-good indicator for fault reporting
and output monitoring, precision enable input, monotonic start-up into prebiased load, integrated VCC bias
supply regulator and bootstrap diode, internal 3ms soft-start time, hiccup-mode overload protection, and thermal
shutdown protection with automatic recovery.
The LM25139 controller is qualified to AEC-Q100 grade 1 for automotive applications. The wide input
voltage range, low quiescent current consumption, high-temperature operation, low minimum on-time, low EMI
signature, low component count, and 9mm2 IC size provide an excellent point-of-load regulator choice for
applications requiring enhanced robustness and cost advantages.
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com