Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM5146
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5146 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 35Page - Texas Instruments LM5146 Datasheet HTML 36Page - Texas Instruments LM5146 Datasheet HTML 37Page - Texas Instruments LM5146 Datasheet HTML 38Page - Texas Instruments LM5146 Datasheet HTML 39Page - Texas Instruments LM5146 Datasheet HTML 40Page - Texas Instruments LM5146 Datasheet HTML 41Page - Texas Instruments LM5146 Datasheet HTML 42Page - Texas Instruments LM5146 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
7.2.2 Design 2 – High-Efficiency, 440kHz, Synchronous Buck Regulator
The following figure shows the schematic diagram of a single-output synchronous buck regulator with an output
voltage of 3.3V and a rated load current of 12A. In this example, the current is sensed using a resistor placed in
series with the output inductor. The switching frequency is set at 440kHz by resistor RT. The 3.3V output voltage
is achieved by connecting FB directly to VCC.
FPWM/SYNC
AGND
PGND
VOUT
ISNS
LO
SW
HO
CBOOT
VIN
COMP
VCC
PG
EN
RT
LM25139
FB
RT
RCOMP
CCOMP
CHF
CVCC
CBOOT
CIN
COUT
RS
LO
VIN = 5.5V...36V
VOUT = 3.3V
IOUT = 12A
High = FPWM
Low = PFM
Q2
Q1
VCC
4
47 F
15nF
2
10 F
6.04k
100pF
1.5 H
53.6k
4.7 F
3m
0.1 F
Figure 7-13. Application Circuit 2 With the LM25139 Buck Regulator at 440kHz
www.ti.com
LM25139
SLVSJ80 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com