Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5146
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5146 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 17Page - Texas Instruments LM5146 Datasheet HTML 18Page - Texas Instruments LM5146 Datasheet HTML 19Page - Texas Instruments LM5146 Datasheet HTML 20Page - Texas Instruments LM5146 Datasheet HTML 21Page - Texas Instruments LM5146 Datasheet HTML 22Page - Texas Instruments LM5146 Datasheet HTML 23Page - Texas Instruments LM5146 Datasheet HTML 24Page - Texas Instruments LM5146 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
6.3.12.1 Shunt Current Sensing
Shunt current sensing illustrates inductor current sensing using a shunt resistor. This configuration continuously
monitors the inductor current to provide accurate overcurrent protection across the operating temperature range.
For optimal current sense accuracy and overcurrent protection, use a low inductance ±1% tolerance shunt
resistor between the inductor and the output, with a Kelvin connection to the LM25139 current sense amplifier.
If the peak voltage signal sensed from ISNS to VOUT exceeds the current limit threshold of 60mV, the current
limit comparator immediately terminates the HO output for cycle-by-cycle current limiting. Use Equation 10 to
calculate the shunt resistance.
RS=  VCS­TH
IOUTCL + ΔIL2
(10)
where
• VCS-TH is current sense threshold of 60mV.
• IOUT(CL) is the overcurrent setpoint that is set higher than the maximum load current to avoid tripping the
overcurrent comparator during load transients.
• ΔIL is the peak-to-peak inductor ripple current.
VOUT
VOUT
Current sense
amplifier
COUT
ISNS
LO
RS
VIN
CS gain = 10
+
Figure 6-5. Shunt Current Sensing Implementation
The soft-start voltage is clamped 95mV above FB during an overcurrent condition and after soft-start is complete
(8ms timer). 16 overcurrent events must occur before the SS clamp is enabled. This amount makes sure that SS
can be pulled low during brief overcurrent events, preventing output voltage overshoot during recovery.
6.3.12.2 Inductor DCR Current Sensing
For high-power applications that do not require accurate current-limit protection, inductor DCR current sensing
is preferable. This technique provides lossless and continuous monitoring of the inductor current using an RC
sense network in parallel with the inductor. Select an inductor with a low DCR tolerance to achieve a typical
current limit accuracy within the range of 10% to 15% at room temperature. Components RCS and CCS in Figure
6-6 create a low-pass filter across the inductor to enable differential sensing of the voltage across the inductor
DCR.
www.ti.com
LM25139
SLVSJ80 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com