Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5146
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5146 Datasheet(HTML) 4 Page - Texas Instruments

  LM5146 Datasheet HTML 1Page - Texas Instruments LM5146 Datasheet HTML 2Page - Texas Instruments LM5146 Datasheet HTML 3Page - Texas Instruments LM5146 Datasheet HTML 4Page - Texas Instruments LM5146 Datasheet HTML 5Page - Texas Instruments LM5146 Datasheet HTML 6Page - Texas Instruments LM5146 Datasheet HTML 7Page - Texas Instruments LM5146 Datasheet HTML 8Page - Texas Instruments LM5146 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
4 Pin Configuration and Functions
16
15
14
13
5
6
7
8
1
2
3
4
12
11
10
9
Exposed Pad (EP) on
Bottom
Connect to Ground
PGND
VCC
AGND
RT
LO
VIN
FPWM/SYNC
PG
Connect the exposed pad to AGND and PGND on the PCB.
Figure 4-1. 16-Pin RGT Package VQFN (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
VIN
P
Supply voltage input source for the VCC regulator
2
RT
I
Frequency programming pin. A resistor from RT to AGND sets the oscillator frequency between
100kHz and 3.2MHz with DRSS disabled. A resistor from RT to VCC sets the oscillator frequency
between 100kHz and 3.2MHz with DRSS enabled.
3
FPWM/SYNC
I
Connect FPWM/SYNC to GND to enable diode emulation mode. Connect FPWM/SYNC to VCC to
operate the LM25139 in forced PWM (FPWM) mode with conduction at light load. FPWM/SYNC
can also be used to synchronize the controller to an external clock. Place the LM25139 into
standby mode by applying an external clock to FPWM/SYNC while EN is low.
4
AGND
P
Analog ground connection. Ground return for the internal voltage referenced analog circuits.
5
COMP
O
Transconductance error amplifier. Connect the compensation network for COMP to AGND.
6
FB
I
Connect FB to VCC to set the output voltage to 3.3V. Connect FB using a 24.9kΩ or 24kΩ to VCC
to set the output voltage to 5V. Install a resistor divider from VOUT to AGND to set the output
voltage set point between 0.8V and 36V. The regulation voltage at FB is 0.8V.
7
VOUT
I
Output voltage sense and the current sense amplifiers input. Connect VOUT to the output side of the
current sense resistor.
8
ISNS
I
Current sense amplifier input. Connect this pin to the inductor side of the external current sense
resistor.
9
PG
O
An open collector output that goes low if VOUT is outside the specified regulation window.
10
VCC
P
VCC bias pin. Connect a ceramic capacitor between VCC and PGND.
11
PGND
G
Power ground connection pin for the low-side power MOSFET gate driver
12
LO
O
Low-side power MOSFET gate driver output
13
SW
P
Switch node of the buck regulator and high-side gate driver return. Connect to the bootstrap
capacitor, the source terminal of the high-side MOSFT, and the drain terminal of the low-side
MOSFET.
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com