Electronic Components Datasheet Search
  English  ▼

X  

LTC7897 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC7897
Description  140V, Low IQ, Synchronous Buck Controller with Programmable 5V to 10V Gate Drive
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7897 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC7897 Datasheet HTML 38Page - Analog Devices LTC7897 Datasheet HTML 39Page - Analog Devices LTC7897 Datasheet HTML 40Page - Analog Devices LTC7897 Datasheet HTML 41Page - Analog Devices LTC7897 Datasheet HTML 42Page - Analog Devices LTC7897 Datasheet HTML 43Page - Analog Devices LTC7897 Datasheet HTML 44Page - Analog Devices LTC7897 Datasheet HTML 45Page - Analog Devices LTC7897 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Data Sheet
LTC7897
analog.com
Rev. A
42 of 53
9. Select the input and output capacitors. CIN is chosen for an RMS current rating of at least 2A (IOUT/2, with
margin) at temperature. COUT is chosen with an ESR of 10mΩ for low output ripple. Multiple capacitors
connected in parallel may be required to reduce the ESR to this level. The output ripple in continuous
mode is highest at the maximum input voltage. The output voltage ripple due to ESR is approximately
given by Equation 35, as follows:
VORIPPLE = ESR • ∆IL = 10mΩ*1.4A = 14mVP-P
(35)
On the 12V output, 14mVP-P is equal to 0.12% of peak-to-peak voltage ripple.
10. Determine the bias supply components. Because the regulated output is greater than the EXTVCC
switchover threshold, it can be used to bias EXTVCC. For an 8ms soft-start, select a 0.1µF capacitor for the
TRACK/SS pin. As a first pass estimate for the bias components, select the DRVCC capacitance CDRVCC = 4.7µF,
CINTVCC = 0.1µF and CB = 0.1µF.
11. Determine and set application-specific parameters. Set the MODE pin based on the trade-off of light load
efficiency and constant frequency operation. Set the PLLIN/SPREAD pin based on whether a fixed, spread
spectrum, or phase-locked frequency is desired. The RUN pin can be used to control the minimum input
voltage for regulator operation, or it can be tied to VIN for always-on operation. Use ITH compensation
components from the typical applications as a first guess, check the transient response for stability, and
modify as necessary.
PC Board Layout Checklist
Figure 49 shows the current waveforms present in the various branches of the synchronous regulators operating in
the continuous mode.
When laying out the PCB, use the following checklist to ensure proper operation of the IC.
1. Route the BGUP and BGDN traces together and connect them as close as possible to the bottom MOSFET
gate. If using gate resistors, connect the resistor connections to the MOSFET gate as close as possible to
the MOSFET. Connecting BGUP and BGDN further away from the bottom MOSFET gate can cause
inaccuracies in the dead time control circuit of the LTC7897. Route the TGUP and TGDN traces together
and connect them as close as possible to the top MOSFET gate.
2. The combined IC GND pin and the GND return of CDRVCC must return to the combined COUT negative
terminals. The path formed by the top N-channel MOSFET and the CIN capacitor must have short leads and
PCB trace lengths. Connect the output capacitor’s negative terminals as close as possible to the negative
terminals of the input capacitor by placing the capacitors next to each other and away from the loop.
3. Connect the LTC7897 VFB pin resistive dividers to the positive terminals of COUT and the signal GND. Place
the divider close to the VFB pin to minimize noise coupling into the sensitive VFB node. The feedback resistor
connections must not be along the high current input feeds from the input capacitors.
4. Route the SENSE− and SENSE+ leads together with minimum PCB trace spacing. Route these traces away
from the high frequency switching nodes on an inner layer, if possible. The filter capacitor between SENSE+
and SENSE− must be as close as possible to the IC. Ensure accurate current sensing with Kelvin connections
at the sense resistor.
5. Connect the DRVCC decoupling capacitor close to the IC, between the DRVCC and the power GND pin. This
capacitor carries the current peaks of the MOSFET drivers. Place an additional 1μF ceramic capacitor next
to the DRVCC and GND pins to help improve noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com