Electronic Components Datasheet Search
  English  ▼

X  

KP467 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # KP467
Description  XENSIV™ ISO26262-compliant digital absolute pressure sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP467 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button KP467 Datasheet HTML 35Page - Infineon Technologies AG KP467 Datasheet HTML 36Page - Infineon Technologies AG KP467 Datasheet HTML 37Page - Infineon Technologies AG KP467 Datasheet HTML 38Page - Infineon Technologies AG KP467 Datasheet HTML 39Page - Infineon Technologies AG KP467 Datasheet HTML 40Page - Infineon Technologies AG KP467 Datasheet HTML 41Page - Infineon Technologies AG KP467 Datasheet HTML 42Page - Infineon Technologies AG KP467 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
4.2.6.1
LPM Diagnosis
In case an internal error (e.g. ECC) is detected during LPM mode the device sets the WUOUT pin to the high state
(Vhigh_wake) and transmits the LPM diagnosis response as response of next received SPI command.
The sensor is able to provide on SPI request LPM diagnosis information.
•
LPM status register
-
Δpexceededconfiguratedthreshold Δp1threshold inphase1
-
Δpexceededconfiguratedthreshold Δp2threshold inphase2
-
Uncorrectable error in LPM storage
-
EEPROM unprogrammed
-
Uncorrectable error in EEPROM
-
Error detected in EEPROM controller data page
-
Overvoltage detected
-
Pressure too high error
-
Pressure too low error
-
Diag1 error
-
Diag2 error
-
TJDiag error
-
Full power-on reset
-
Wake-up via NCS + SCLK
-
Error of the LPM counter built-in self-test
•
Ambient pressure value iteration N (first pressure reading after wake-up)
•
Ambient pressure value iteration N-1
•
Ambient pressure value iteration N-2
•
Number of pressure reading iterations in phase 2
•
LPM storage EDC check
4.2.6.2
Diagnosis Reset
The Reset-bit (C12 for 16-bit commands, C4 for 8-bit commands) of a SPI command allows using different reset
strategies:
•
Reset-bit = '0': All transmitted failures will be reset (with the exception of ECC error)
•
Reset-bit = '1': A transmitted failure will not be reset
Attention: Reset of the ECC error is not possible. Once they are detected and transmitted it remains until supply
reset or power-down mode is entered.
KP467
Datasheet
4 Product features
Datasheet
39
Rev. 1.00
2023-11-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com