Electronic Components Datasheet Search
  English  ▼

X  

KP467 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # KP467
Description  XENSIV™ ISO26262-compliant digital absolute pressure sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP467 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button KP467 Datasheet HTML 9Page - Infineon Technologies AG KP467 Datasheet HTML 10Page - Infineon Technologies AG KP467 Datasheet HTML 11Page - Infineon Technologies AG KP467 Datasheet HTML 12Page - Infineon Technologies AG KP467 Datasheet HTML 13Page - Infineon Technologies AG KP467 Datasheet HTML 14Page - Infineon Technologies AG KP467 Datasheet HTML 15Page - Infineon Technologies AG KP467 Datasheet HTML 16Page - Infineon Technologies AG KP467 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Table 9
(continued) SPI timing
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Delay between
rising edge NCS and
rising edge CLK
pulse
thclch
100
–
–
ns
 
Delay between
rising edge NCS and
end SDO data
tpchdz
–
–
75
ns
 
Time between rising
edge NCS and
falling edge next
NCS
tonncs
300
–
–
ns
 
Minimum input rise/
fall time
tSPI_switch
–
–
2
ns
20% - 80% at SDI, CLK, NCS
 
Maximum output
over-/undershoot
VSDO_ovun
-200
–
200
mV
VDD = 5V
Cload = 150pF
Trace inductance < 400nH
Valid pressure/
temperature value
after trigger
diagnostic
command
tdiag_wait
–
–
10
ms
 
KP467
Datasheet
4 Product features
Datasheet
13
Rev. 1.00
2023-11-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com